Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP377PWN1-90G Datasheet(PDF) 4 Page - Cree, Inc

Part # LP377PWN1-90G
Description  P4 LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LP377PWN1-90G Datasheet(HTML) 4 Page - Cree, Inc

  LP377PWN1-90G Datasheet HTML 1Page - Cree, Inc LP377PWN1-90G Datasheet HTML 2Page - Cree, Inc LP377PWN1-90G Datasheet HTML 3Page - Cree, Inc LP377PWN1-90G Datasheet HTML 4Page - Cree, Inc LP377PWN1-90G Datasheet HTML 5Page - Cree, Inc LP377PWN1-90G Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
4
CLD-CT25.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Graphs
5/5
Format #: COTCO-D-074 REV.4
Document No. SPE/LP377PWN1-90G
Rev. No.
03
Graphs
0.0
-20.0
-10.0
-30.0
-40.0
FIG.2 REVERSE CURRENT VS.
75%
FIG.6 FAR FIELD PATTERN
50% Power Angle :
-90
-60
-30
0
30
60
0
90
WAVELENGTH.
0%
400
25%
50%
500 600 700
800
REVERSE VOLTAGE.
Half Power
WL=150nm
100%
Ir(uA)
Vr(V)
-50
-40
-20
-30
-10
0
90
0%
0%
20%
20%
40%
40%
60%
60%
Ie(%)
80%
80%
100%
100%
-50.0
Ta( C)
0
FIG.5 MAXIMUM FORWARD DC CURRENT VS
AMBIENT TEMPERATURE (Tjmax=120 C)
0
20
40
60
80
120
100
10
20
30
50
40
IF(mA)
60.0
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
0.5
0.0
0.0
20.0 40.0
1.0
1.5
2.0
100.0
80.0
If(mA)
20.0
FIG.1 FORWARD CURRENT VS.
FORWARD VOLTAGE.
2.5
3.0
0.0
3.4
3.8
4.2
4.6
5.0
Vf(V)
40.0
80.0
60.0
If (mA)
100.0
FORWARD CURRENT
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
Items
Signatures
Date
Revision History
Prepared by
LiuZM
2007-04-26
Rev. No
Date
Change Description
Checked by
HuangJD
2007-04-26
02
2005-10-18 Release. VF from V8~V13 to V7~V14.
Approved by
David
2007-04-26
03
2007-04-26 Change tolerance of CIE(x,y) from +/-0.015 to +/-0.01
FCN#
FCN20070432
Data is subject to change without prior notice; please refer to COTCO Website for the latest version.
Copyright@2002 Cotco International Ltd.


Similar Part No. - LP377PWN1-90G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LP377PWN1-90G MARKTECH-LP377PWN1-90G Datasheet
96Kb / 2P
   P4 Ultra Bright White LED
More results

Similar Description - LP377PWN1-90G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
   P4 LED
logo
Cree, Inc
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-A0G CREE-LP377THR1-A0G Datasheet
336Kb / 5P
   P4 LED
LP379PBG1-C0G-03 CREE-LP379PBG1-C0G-03 Datasheet
324Kb / 5P
   P4 LED
LP476PBL1-90G-03 CREE-LP476PBL1-90G-03 Datasheet
318Kb / 5P
   P4 LED
LP476PPG1-90G-03 CREE-LP476PPG1-90G-03 Datasheet
335Kb / 5P
   P4 LED
LP476PWN1-90G CREE-LP476PWN1-90G Datasheet
362Kb / 6P
   P4 LED
CP41B-WES CREE-CP41B-WES_2 Datasheet
651Kb / 9P
   P4 LED
LP377PBG1-60G-03 CREE-LP377PBG1-60G-03 Datasheet
335Kb / 5P
   P4 LED
LP377PBL1-60G-03 CREE-LP377PBL1-60G-03 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-40G CREE-LP377THR1-40G Datasheet
336Kb / 5P
   P4 LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com