Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LO566TWN1-70G-A1 Datasheet(PDF) 4 Page - Cree, Inc

Part # LO566TWN1-70G-A1
Description  5-mm Oval LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LO566TWN1-70G-A1 Datasheet(HTML) 4 Page - Cree, Inc

  LO566TWN1-70G-A1 Datasheet HTML 1Page - Cree, Inc LO566TWN1-70G-A1 Datasheet HTML 2Page - Cree, Inc LO566TWN1-70G-A1 Datasheet HTML 3Page - Cree, Inc LO566TWN1-70G-A1 Datasheet HTML 4Page - Cree, Inc LO566TWN1-70G-A1 Datasheet HTML 5Page - Cree, Inc LO566TWN1-70G-A1 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.

CLD-CT03.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Graphs
5/5
Format #: COTCO-D-074 REV.4
Document No. SPE/LO566TWN1-70G-A1
Rev. No.
04
Graphs
Half Power
WL=150nm
WAVELENGTH.
REVERSE VOLTAGE.
FIG.2 REVERSE CURRENT VS.
0%
400
25%
50%
75%
100%
Vr(V)
-50
-40
700
500 600
800
-40.0
-50.0
Ir(uA)
-20.0
-30.0
-10.0
0.0
-30
-20
-10
0
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
100.0
FIG.1 FORWARD CURRENT VS.
AMBIENT TEMPERATURE (Tjmax=105 C)
FIG.5 MAXIMUM FORWARD DC CURRENT VS
100.0
0
20.0
0.0
60.0
40.0
80.0
IF(mA)
20
10
30
40
50
FORWARD CURRENT
20.0
1.0
0.0
0.0
3.0
2.0
4.0
60.0
40.0
80.0
3.4
FORWARD VOLTAGE.
5.0
0.0
3.0
20.0
3.8
4.2
4.6
If (mA)
80.0
60.0
40.0
100.0
Ta( C)
If(mA)
5.0
Vf(V)
30
0
-30
-60
-90
0%
0%
90
60
80%
80%
40%
40%
20%
20%
60%
60%
100%
100%
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
H-H : 70
FIG.6 FAR FIELD PATTERN
V-V : 40
50% Power Angle :
V-V
H-H
0
Ie(%)
Items
Signatures
Date
Revision History
Prepared by
LiuZM
2007-04-26
Rev. No
Date
Change Description
Checked by
HuangJD
2007-04-26
02
2005-08-19 Release. IV from U,V,W(typ)2400 to U,V(typ)2300mcd.
Approved by
David
2007-04-26
03
2006-04-17 Cancel VF bin.
FCN#
FCN20070432
04
2007-04-26 Change tolerance of CIE(x,y) from +/-0.015 to +/-0.01
Data is subject to change without prior notice; please refer to COTCO Website for the latest version.
Copyright@2002 Cotco International Ltd.


Similar Part No. - LO566TWN1-70G-A1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LO566TWN1-70G-A1 MARKTECH-LO566TWN1-70G-A1 Datasheet
54Kb / 2P
Ultra Bright White Elliptical LED
More results

Similar Description - LO566TWN1-70G-A1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LO5SMPHR4-B0G-A CREE-LO5SMPHR4-B0G-A Datasheet
335Kb / 5P
5-mm Oval LED
LO5SMTPG4-B0G-A2 CREE-LO5SMTPG4-B0G-A2 Datasheet
336Kb / 5P
5-mm Oval LED
LO5SMTWN1-B0G-A1 CREE-LO5SMTWN1-B0G-A1 Datasheet
365Kb / 6P
5-mm Oval LED
LO566TBG4-60G-A1 CREE-LO566TBG4-60G-A1 Datasheet
325Kb / 5P
5-mm Oval LED
LO566TBL4-70G-A CREE-LO566TBL4-70G-A Datasheet
334Kb / 5P
5-mm Oval LED
LO566THR4-70G-A2 CREE-LO566THR4-70G-A2 Datasheet
337Kb / 5P
5-mm Oval LED
LO566TPG4-70G-A CREE-LO566TPG4-70G-A Datasheet
354Kb / 5P
5-mm Oval LED
LO566TWN1-70H-A1 CREE-LO566TWN1-70H-A1 Datasheet
367Kb / 6P
5-mm Oval LED
C5SMF-AJS CREE-C5SMF-AJS Datasheet
494Kb / 8P
5-mm Oval LED
logo
Marktech Corporate
C5SMF-C5SME MARKTECH-C5SMF-C5SME_15 Datasheet
521Kb / 10P
5-mm Oval LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com