Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF36F Datasheet(PDF) 3 Page - Hongfa Technology

Part # HF36F
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF36F Datasheet(HTML) 3 Page - Hongfa Technology

  HF36F Datasheet HTML 1Page - Hongfa Technology HF36F Datasheet HTML 2Page - Hongfa Technology HF36F Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T_hmcncp_
=6
>6
?6
6
76
86
96
:6
;6
<6
Tn[h^[l^
766
776
786
GOFVSCOEG EVSWG
EPKM UGNQGSCUVSG SKTG
Eihn[]n Eoll_hn /C0
Q_l]_hn[a_ P` Oigch[f Eicf Wifn[a_
7 Hilg E
7 Hilg C
Fcm]f[cg_l
Ub_ mj_]c`c][ncih cm `il l_`_l_h]_ ihfs4 T__ ni ,U_lgchifias [h^ Ioc^_fch_m, `il gil_ ch`ilg[ncih4 Tj_]c`c][ncihm mo\d_]n ni ]b[ha_ qcnbion hinc]_4
X_ ]iof^ hin _p[fo[n_ [ff nb_ j_l`ilg[h]_ [h^ [ff nb_ j[l[g_n_lm `il _p_ls jimmc\f_ [jjfc][ncih4 Ubom nb_ om_l mbiof^ \_ ch [ lcabn jimcncih ni
]biim_ nb_ mocn[\f_ jli^o]n `il nb_cl iqh [jjfc][ncih4 K` nb_l_ cm [hs ko_ls2 jf_[m_ ]ihn[]n Jiha`[ `il nb_ n_]bhc][f m_lpc]_4 Jiq_p_l2 cn cm nb_ om_lxm
l_mjihmc\cfcns ni ^_n_lgch_ qbc]b jli^o]n mbiof^ \_ om_^ ihfs4
u Yc[g_h Jiha`[ Gf_]nli[]iomnc] Ei42 Mn^4 Cff lcabnm i` Jiha`[ [l_ l_m_lp_^4
/Dinnig pc_q0
7 Hilg E
7 Hilg C
S_g[le@ 70 Kh ][m_ i` hi nif_l[h]_ mbiqh ch ionfch_ ^cg_hmcih@ ionfch_ ^cg_hmcih [7gg2 nif_l[h]_ mbiof^ \_ v648ggA ionfch_ ^cg_hmcih ]7gg
[h^ [;gg2 nif_l[h]_ mbiof^ \_ v649ggA ionfch_ ^cg_hmcih ];gg2 nif_l[h]_ mbiof^ \_ v64:gg4
80 Ub_ nif_l[h]_ qcnbion ch^c][ncha `il QED f[sion cm [fq[sm v647gg4
90 Ub_ qc^nb i` nb_ alc^^cha cm 84;gg4
/Dinnig pc_q0
<
76
;
766
>76
7:
Xclcha Fc[al[g
QED M[sion
05.<.0>2<6=>60 0?<@2=
:?>7692 16829=6:9=} A6<694 16.4<.8 .91 ;0 /:.<1 7.C:?>
Vhcn@ gg
7<4;
94;
94;
; 3w749
767
9OSHR-
/70 Eolp_ C@ J nsj_
/80 U_mn ]ih^cncihm@
76C 8;6WCE2 S_mcmncp_ fi[^2
Siig n_gj42 7m ih ?m i``
C
7<4;
94;
:3w749


Similar Part No. - HF36F

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF36F HONGFA-HF36F Datasheet
73Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36FD HONGFA-HF36FD Datasheet
56Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36FD HONGFA-HF36FD Datasheet
53Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F_15 Datasheet
61Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF36F

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com