Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF36F Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF36F
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF36F Datasheet(HTML) 1 Page - Hongfa Technology

  HF36F Datasheet HTML 1Page - Hongfa Technology HF36F Datasheet HTML 2Page - Hongfa Technology HF36F Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tn[h^[l^@ Cjjlir4 ;96gXA
T_hmcncp_@ Cjjlir4 8;6gX
Hcf_ Oi4@ERE6?66869:;8;
Hcf_ Oi4@G79:;7=
Tbi]e
l_mcmn[h]_
JPOIHC SGMCZ
Eicf jiq_l
D_nq__h ]icf . ]ihn[]nm
D_nq__h ij_h ]ihn[]nm
Fc_f_]nlc]
mnl_hanb
3HESTQHR
76C 8;6WCE
76C 96WFE
76C 8;6WCE
76C 96WFE
UW3; 78;WCE
76C 8;6WCE EPTw B7
76C 96WFE M5SB6
Eihn[]n l[ncha
7 Hilg E
7 Hilg C
Hcf_ Oi4@S;68=>;?7
KTP?6672 KTP5UT7<?:? 2 KTP7:6672 PJTCT7>6672 KGER RE 6>6666 EGSUKHKGF
867; S_p4 7466
OP@ :666WCE 7gch
OE@ 9666WCE 7gch
7666N /[n ;66WFE0
>X@
??
\ 76C mqcn]bcha ][j[\cfcns
\ UW3; 78;WCE [jjlip_^ \s VM mn[h^[l^
/ihfs `il 7 Hilg C0
\ Qf[mnc] m_[f_^ [h^ `for jlii`_^ nsj_m [p[cf[\f_
\ 7 Hilg C [h^ 7 Hilg E ]ih`caol[ncihm
\ Ghpclihg_hn[f `lc_h^fs jli^o]n /SiJT ]igjfc[hn0
\ Ponfch_ Fcg_hmcihm@ /894> r ?4; r 8:4;0 gg
53+,3
7666WCE 7gch
7;gm g[r4
;gm g[r4
;- ni >;- SJ
3:6 ni =6
7?<g5m8
?>6g5m8
76Jt ni ;;Jt 74;gg FC
QED
Cjjlir478a
Qf[mnc] m_[f_^2
Hfor jlii`_^
=?/8696.>?<2 69>2<8216.>2 ;:A2< <27.C
05.<.0>2<6=>60=
0:67
Oigch[f
Wifn[a_
WFE
Eicf
S_mcmn[h]_
Qc]e3oj
Wifn[a_
WFE
g[r4
Flij3ion
Wifn[a_
WFE
gch4
N[r4
Wifn[a_
WFE 1
0:67 1.>.
;
<
?
78
7>
8:
:>
94=;
:4;6
<4=;
?466
794;
7>46
9<46
648;
6496
64:;
64<6
64?6
7486
84:6
<4;
=4>
774=
7;4<
894:
9748
<84:
=SENGEQG SWPH
?7~0?7
;
<
?
78
7>
8:
94=;
:4;6
<4=;
?466
794;
7>46
648;
6496
64:;
64<6
64?6
7486
<4;
=4>
774=
7;4<
894:
9748
766r/7 76-0
7:;r/7 76-0
98;r/7 76-0
;=;r/7 76-0
7966 r /7 76-0
8976 r /7 76-0
Oigch[f
Wifn[a_
WFE
Eicf
S_mcmn[h]_
Qc]e3oj
Wifn[a_
WFE
g[r4
Flij3ion
Wifn[a_
WFE
gch4
N[r4
Wifn[a_
WFE 1
=HNRKSKUH SWPH {:NLW IOQ * 3OQM .|
7C 27E
766g g[r4/[n 7C <WFE0
CaThP82 CaE^P
76C 8;6WCE
76C 96WFE
UW3; 78;WCE
8;6WCE 5 96WFE
76C
8;66WC 5 966X
7r76= PQT
Eihn[]n [ll[ha_g_hn
Eihn[]n l_mcmn[h]_
Eihn[]n g[n_lc[f
N[r4 mqcn]bcha pifn[a_
N[r4 mqcn]bcha ]oll_hn
N[r4 mqcn]bcha jiq_l
N_]b[hc][f _h^ol[h]_
Gf_]nlc][f _h^ol[h]_
0:9>.0> 1.>.
:=r/7 76-0
<>r/7 76-0
7;;r/7 76-0
8=6r/7 76-0
<86r/7 76-0
76>6 r /7 76-0
::66 r /7 76-0
=.32>C .;;<:@.7 <.>694=
Khmof[ncih l_mcmn[h]_
Pj_l[n_ ncg_ /[n higc4 pifn40
S_f_[m_ ncg_ /[n higc4 pifn40
Jogc^cns
Cg\c_hn n_gj_l[nol_
Hoh]ncih[f
F_mnlo]ncp_
Wc\l[ncih l_mcmn[h]_
U_lgch[ncih
Vhcn q_cabn
Eihmnlo]ncih
[n 89
9OSHR- 70 Ub_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m4
80 Qf_[m_ `ch^ ]icf n_gj_l[nol_ ]olp_ ch nb_ ]b[l[]n_lcmnc] ]olp_m \_fiq4
90 VM chmof[ncih msmn_g@ Ef[mm C
9OSHR- 70 Cff p[fo_m ohmj_]c`c_^ [l_ [n liig n_gj_l[nol_4
80 Phfs nsjc][f fi[^m [l_ fcmn_^ [\ip_4 Pnb_l fi[^ mj_]c`c][ncihm
][h \_ [p[cf[\f_ ojih l_ko_mn4
;r76:PQT /76C 8;6WCE2
S_mcmncp_ fi[^2 Siig n_gj42 7m ih ?m i``0
9OSHR-
1N[rcgog pifn[a_ l_`_lm ni nb_ g[rcgog pifn[a_ qbc]b l_f[s
]icf ]iof^ _h^ol_ ch [ mbiln j_lci^ i` ncg_4


Similar Part No. - HF36F

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF36F HONGFA-HF36F Datasheet
73Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF36FD HONGFA-HF36FD Datasheet
56Kb / 2P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF36FD HONGFA-HF36FD Datasheet
53Kb / 2P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F_15 Datasheet
61Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF36F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com