Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4853 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # TDA4853
Description  I2C-bus autosync deflection controllers for PC/TV monitors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4853 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button TDA4853 Datasheet HTML 30Page - NXP Semiconductors TDA4853 Datasheet HTML 31Page - NXP Semiconductors TDA4853 Datasheet HTML 32Page - NXP Semiconductors TDA4853 Datasheet HTML 33Page - NXP Semiconductors TDA4853 Datasheet HTML 34Page - NXP Semiconductors TDA4853 Datasheet HTML 35Page - NXP Semiconductors TDA4853 Datasheet HTML 36Page - NXP Semiconductors TDA4853 Datasheet HTML 37Page - NXP Semiconductors TDA4853 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
1999 Jul 13
34
Philips Semiconductors
Product specification
I2C-bus autosync deflection controllers for
PC/TV monitors
TDA4853; TDA4854
Table 4
List of I2C-bus controlled switches; notes 1 and 2
Notes
1. X = don’t care.
2. # = this bit is occupied by another function. If the register is addressed, the bit values for both functions must be
transferred.
3. Bits STDBY and SOFTST can be reset by internal protection circuit.
CONTROL
BIT
FUNCTION
SAD
(HEX)
REGISTER ASSIGNMENT
D7 D6 D5 D4 D3 D2 D1 D0
BLKDIS
0: vertical, protection and horizontal unlock blanking
available on pins CLBL and HUNLOCK
01
X
######D0
1: only vertical and protection blanking available on
pins CLBL and HUNLOCK
HBC
0: HPINBAL (parabola) waveform enabled
01
X
#####D1 #
1: HPINBAL (parabola) waveform disabled
HPC
0: HPARAL (sawtooth) waveform enabled
01
X
####D2 #
#
1: HPARAL (sawtooth) waveform disabled
AGCDIS
0: AGC in vertical oscillator active
01
X
###D3 ###
1: AGC in vertical oscillator inhibited
VSC
0: VLIN and HCOR adjustments enabled
01
X
#
#
D4 ####
1: VLIN and HCOR adjustments forced to centre value
MOD
0: horizontal and vertical moire cancellation enabled
01
X
#
D5 #####
1: horizontal and vertical moire cancellation disabled
TVMOD
0: TV mode at fmin not activated
01
X
D6 ######
1: TV mode at fmin activated
FHMULT
0: EW output independent of horizontal frequency
0B
######X
D0
1: EW output tracks with horizontal frequency
VOVSCN
0: vertical size 100%
0B
#####D2 X
#
1: vertical size 116.8% for VGA350
CLAMP
0: trailing edge for horizontal clamp
0B
####D3 #
X
#
1: leading edge for horizontal clamp
VBLK
0: vertical blanking = 260
µs
0B
###D4 ##X
#
1: vertical blanking = 340
µs
VLC
0: VLINBAL adjustment enabled
0B
#
#
D5 ###X
#
1: VLINBAL adjustment forced to centre value
VPC
0: VPOS and HTRAP adjustments enabled
0B
#
D6 ####X
#
1: VPOS and HTRAP adjustments forced to centre value
ACD
0: ASCOR disconnected from PLL2
0B
D7 #####X
#
1: ASCOR internally connected with PLL2
STDBY(3)
0: internal power supply enabled
0D
XXXXXX#
D0
1: internal power supply disabled
SOFTST(3)
0: soft start not released (pin HPLL2 pulled to ground)
0D
XXXXXXD1 #
1: soft start is released (power-up via pin HPLL2)


Similar Part No. - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
More results

Similar Description - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4857PS PHILIPS-TDA4857PS Datasheet
235Kb / 56P
   I2C-bus autosync deflection controller for PC monitors
2000 Jan 31
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
TDA4841PS PHILIPS-TDA4841PS Datasheet
245Kb / 60P
   I2C-bus autosync deflection controller for PC monitors
1999 Oct 25
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
NXP Semiconductors
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
logo
NTE Electronics
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com