Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4853 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # TDA4853
Description  I2C-bus autosync deflection controllers for PC/TV monitors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4853 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button TDA4853 Datasheet HTML 21Page - NXP Semiconductors TDA4853 Datasheet HTML 22Page - NXP Semiconductors TDA4853 Datasheet HTML 23Page - NXP Semiconductors TDA4853 Datasheet HTML 24Page - NXP Semiconductors TDA4853 Datasheet HTML 25Page - NXP Semiconductors TDA4853 Datasheet HTML 26Page - NXP Semiconductors TDA4853 Datasheet HTML 27Page - NXP Semiconductors TDA4853 Datasheet HTML 28Page - NXP Semiconductors TDA4853 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
1999 Jul 13
25
Philips Semiconductors
Product specification
I2C-bus autosync deflection controllers for
PC/TV monitors
TDA4853; TDA4854
CBOP(min)
minimum value of capacitor at
pin 3
10
−−
nF
VOLTAGE COMPARATOR: PIN BSENS
Vi(BSENS)
voltage range of positive
comparator input
0
5V
Vi(BOP)
voltage range of negative
comparator input
0
5V
IL(BSENS)(max)
maximum leakage current
discharge disabled
−−−2
µA
OPEN-COLLECTOR OUTPUT STAGE: PIN BDRV
Io(BDRV)(max)
maximum output current
20
−−
mA
ILO(BDRV)
output leakage current
VBDRV =16V
−−
3
µA
Vsat(BDRV)
saturation voltage
IBDRV <20mA
−−
300
mV
toff(BDRV)(min)
minimum off-time
250
ns
td(BDRV-HDRV)
delay between BDRV pulse
and HDRV pulse
measured at
VHDRV =VBDRV =3V
500
ns
BSENS DISCHARGE CIRCUIT: PIN BSENS
VSTOP(BSENS)
discharge stop level
capacitive load;
IBSENS = 0.5 mA
0.85
1.0
1.15
V
Idch(BSENS)
discharge current
VBSENS > 2.5 V
4.5
6.0
7.5
mA
Vth(BSENS)(restart)
threshold voltage for restart
fault condition
1.2
1.3
1.4
V
CBSENS(min)
minimum value of capacitor at
BSENS (pin 4)
2
−−
nF
Internal reference, supply voltage, soft start and protection
VCC(stab)
external supply voltage for
complete stabilization of all
internal references
9.2
16
V
ICC
supply current
70
mA
ICC(stb)
standby supply current
STDBY = 1; VPLL2 <1V;
3.5 V < VCC <16V
9
mA
PSRR
power supply rejection ratio of
internal supply voltage
f = 1 kHz
50
−−
dB
VCC(blank)
supply voltage level for
activation of continuous
blanking
VCC decreasing from 12 V 8.2
8.6
9.0
V
VCC(blank)(min)
minimum supply voltage level
for function of continuous
blanking
VCC decreasing from 12 V 2.5
3.5
4.0
V
Von(VCC)
supply voltage level for
activation of HDRV, BDRV,
VOUT1, VOUT2 and
HUNLOCK
VCC increasing from below
typical 8 V
7.9
8.3
8.7
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
More results

Similar Description - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4857PS PHILIPS-TDA4857PS Datasheet
235Kb / 56P
   I2C-bus autosync deflection controller for PC monitors
2000 Jan 31
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
TDA4841PS PHILIPS-TDA4841PS Datasheet
245Kb / 60P
   I2C-bus autosync deflection controller for PC monitors
1999 Oct 25
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
NXP Semiconductors
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
logo
NTE Electronics
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com