Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4853 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDA4853
Description  I2C-bus autosync deflection controllers for PC/TV monitors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4853 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDA4853 Datasheet HTML 20Page - NXP Semiconductors TDA4853 Datasheet HTML 21Page - NXP Semiconductors TDA4853 Datasheet HTML 22Page - NXP Semiconductors TDA4853 Datasheet HTML 23Page - NXP Semiconductors TDA4853 Datasheet HTML 24Page - NXP Semiconductors TDA4853 Datasheet HTML 25Page - NXP Semiconductors TDA4853 Datasheet HTML 26Page - NXP Semiconductors TDA4853 Datasheet HTML 27Page - NXP Semiconductors TDA4853 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
1999 Jul 13
24
Philips Semiconductors
Product specification
I2C-bus autosync deflection controllers for
PC/TV monitors
TDA4853; TDA4854
VHPINBAL(ASCOR)
vertical parabola voltage for pin
unbalance correction
register HPINBAL = 0;
control bit HBC = 0; note 8
−−1.0
V
register HPINBAL = 15;
control bit HBC = 0; note 8
1.0
V
register HPINBAL = X;
control bit HBC = 1; note 8
0.05
V
Vo(ASCOR)(max)(p-p) maximum output voltage swing
(peak-to-peak value)
4
V
Vo(ASCOR)(max)
maximum output voltage
6.5
V
Vc(ASCOR)
centre voltage
4.0
V
Vo(ASCOR)(min)
minimum output voltage
1.9
V
Io(ASCOR)(max)
maximum output current
VASCOR ≥ 1.9 V
−−1.5
mA
Io(sink)(ASCOR)(max) maximum output sink current
VASCOR ≥ 1.9 V
50
−µA
Focus section: pin FOCUS; TDA4854 only
VHFOCUS(p-p)
amplitude of horizontal
parabola (peak-to-peak value)
register HFOCUS = 0
0.06
V
register HFOCUS = 31
3.2
V
tprecor
pre-correction of phase
1.9
µs<tfb < 5.5 µs
350
ns
tW(hfb)(min)
minimum horizontal flyback
pulse width
typical tprecor = 350 ns
1.9
−−µs
tW(hfb)(max)
maximum horizontal flyback
pulse width
typical tprecor = 350 ns
−−
5.5
µs
tW(hfb)(TV)(max)
maximum horizontal flyback
pulse width (TV)
typical td = 300 ns
−−
12.5
µs
VVFOCUS(p-p)
amplitude of vertical parabola
(peak-to-peak value)
register VFOCUS = 0;
note 8
0.02
V
register VFOCUS = 07;
note 8
0.8
V
Vo(FOCUS)(max)
maximum output voltage
IFOCUS = 0
5.7
6
6.3
V
Vo(FOCUS)(min)
minimum output voltage
IFOCUS = 0
1.7
2
2.3
V
Io(FOCUS)(max)
maximum output current
±1.5
−−
mA
CL(FOCUS)(max)
maximum capacitive load
−−
20
pF
B+ control section; see Figs 23 and 24
TRANSCONDUCTANCE AMPLIFIER: PINS BIN AND BOP
Vi(BIN)
input voltage pin 5
0
5.25
V
Ii(BIN)(max)
maximum input current pin 5
−−±1
µA
Vref(int)
reference voltage at internal
non-inverting input of OTA
2.37
2.5
2.58
V
Vo(BOP)(min)
minimum output voltage pin 3
−−
0.5
V
Vo(BOP)(max)
maximum output voltage pin 3
IBOP < 1 mA
5.0
5.3
5.6
V
Io(BOP)(max)
maximum output current pin 3
−±500
−µA
gm(OTA)
transconductance of OTA
note 11
30
50
70
mS
Gv(ol)
open-loop voltage gain
note 12
86
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
More results

Similar Description - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4857PS PHILIPS-TDA4857PS Datasheet
235Kb / 56P
   I2C-bus autosync deflection controller for PC monitors
2000 Jan 31
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
TDA4841PS PHILIPS-TDA4841PS Datasheet
245Kb / 60P
   I2C-bus autosync deflection controller for PC monitors
1999 Oct 25
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
NXP Semiconductors
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
logo
NTE Electronics
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com