Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4853 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA4853
Description  I2C-bus autosync deflection controllers for PC/TV monitors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4853 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA4853 Datasheet HTML 18Page - NXP Semiconductors TDA4853 Datasheet HTML 19Page - NXP Semiconductors TDA4853 Datasheet HTML 20Page - NXP Semiconductors TDA4853 Datasheet HTML 21Page - NXP Semiconductors TDA4853 Datasheet HTML 22Page - NXP Semiconductors TDA4853 Datasheet HTML 23Page - NXP Semiconductors TDA4853 Datasheet HTML 24Page - NXP Semiconductors TDA4853 Datasheet HTML 25Page - NXP Semiconductors TDA4853 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
1999 Jul 13
22
Philips Semiconductors
Product specification
I2C-bus autosync deflection controllers for
PC/TV monitors
TDA4853; TDA4854
ADJUSTMENT OF VERTICAL LINEARITY BALANCE; see Fig.8
VLINBAL
vertical linearity balance
(referenced to 100% vertical
size)
register VLINBAL = 0;
control bit VLC = 0; note 8
−3.3
−2.5
−1.7
%
register VLINBAL = 15;
control bit VLC = 0; note 8
1.7
2.5
3.3
%
register VLINBAL = X;
control bit VLC = 1; note 8
0
%
VMOIRE
modulation of vertical picture
position by 1
2 vertical
frequency (related to 100%
vertical size)
register VMOIRE = 0;
control bit MOD = 0
0
%
register VMOIRE = 31;
control bit MOD = 0
0.08
%
moire cancellation off
control bit MOD = 1
0
%
Vertical output stage: pins VOUT1 and VOUT2; see Fig.29
∆IVOUT(nom)(p-p)
nominal differential output
current (peak-to-peak value)
∆IVOUT =IVOUT1 − IVOUT2;
nominal settings; note 8
0.76
0.85
0.94
mA
Io(VOUT)(max)
maximum output current at pins
VOUT1 and VOUT2
control bit VOVSCN = 1
0.54
0.6
0.66
mA
VVOUT
allowed voltage at outputs
0
4.2
V
δI
os(vert)(max)
maximum offset error of vertical
output currents
nominal settings; note 8
−−±2.5
%
δI
lin(vert)(max)
maximum linearity error of
vertical output currents
nominal settings; note 8
−−±1.5
%
EW drive output
EW DRIVE OUTPUT STAGE: PIN EWDRV; see Figs 9 to 12
Vconst(EWDRV)
bottom output voltage at pin
EWDRV (internally stabilized)
register HPIN = 0;
register HCOR = 04;
register HTRAP = 08;
register HSIZE = 255
1.05
1.2
1.35
V
Vo(EWDRV)(max)
maximum output voltage
note 9
7.0
−−
V
IL(EWDRV)
load current
−−±2mA
TCEWDRV
temperature coefficient of
output signal
−−
600
10−6/K
VHPIN(EWDRV)
horizontal pincushion voltage
register HPIN = 0; note 8
0.04
V
register HPIN = 63; note 8
1.42
V
VHCOR(EWDRV)
horizontal corner correction
voltage
register HCOR = 0;
control bit VSC = 0; note 8
0.08
V
register HCOR = 31;
control bit VSC = 0; note 8
−−0.64
V
register HCOR = X;
control bit VSC = 1; note 8
0
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
More results

Similar Description - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4857PS PHILIPS-TDA4857PS Datasheet
235Kb / 56P
   I2C-bus autosync deflection controller for PC monitors
2000 Jan 31
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
TDA4841PS PHILIPS-TDA4841PS Datasheet
245Kb / 60P
   I2C-bus autosync deflection controller for PC monitors
1999 Oct 25
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
NXP Semiconductors
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
logo
NTE Electronics
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com