Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4853 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA4853
Description  I2C-bus autosync deflection controllers for PC/TV monitors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4853 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA4853 Datasheet HTML 16Page - NXP Semiconductors TDA4853 Datasheet HTML 17Page - NXP Semiconductors TDA4853 Datasheet HTML 18Page - NXP Semiconductors TDA4853 Datasheet HTML 19Page - NXP Semiconductors TDA4853 Datasheet HTML 20Page - NXP Semiconductors TDA4853 Datasheet HTML 21Page - NXP Semiconductors TDA4853 Datasheet HTML 22Page - NXP Semiconductors TDA4853 Datasheet HTML 23Page - NXP Semiconductors TDA4853 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
1999 Jul 13
20
Philips Semiconductors
Product specification
I2C-bus autosync deflection controllers for
PC/TV monitors
TDA4853; TDA4854
Output stage for line driver pulses: pin HDRV
OPEN-COLLECTOR OUTPUT STAGE
Vsat(HDRV)
saturation voltage
IHDRV =20mA
−−
0.3
V
IHDRV =60mA
−−
0.8
V
ILO(HDRV)
output leakage current
VHDRV =16V
−−
10
µA
AUTOMATIC VARIATION OF DUTY CYCLE
tHDRV(OFF)/tH
relative tOFF time of HDRV
output; measured at
VHDRV = 3 V; HDRV duty cycle
is modulated by the relation
IHREF/IVREF
IHDRV = 20 mA;
fH = 31.45 kHz; see Fig.16
42
45
48
%
IHDRV = 20 mA;
fH = 58 kHz; see Fig.16
45.5
48.5
51.5
%
IHDRV = 20 mA;
fH = 110 kHz; see Fig.16
49
52
55
%
X-ray protection: pins XRAY and XSEL
VXRAY(sl)
slicing voltage level for latch
6.22
6.39
6.56
V
tW(XRAY)(min)
minimum width of trigger pulse
−−
30
µs
Ri(XRAY)
input resistance at pin 2
VXRAY <6.38V+VBE
500
−−
k
VXRAY >6.38V+VBE
5
k
standby mode
5
k
XRAYrst
reset of X-ray latch
pin 9 open-circuit or
connected to GND
set control bit SOFTST via
the I2C-bus
pin 9 connected to VCC via
RXSEL
switch off VCC then re-apply
VCC
VCC(XRAY)(min)
minimum supply voltage for
correct function of the X-ray
latch
pin 9 connected to VCC via
RXSEL
−−
4V
VCC(XRAY)(max)
maximum supply voltage for
reset of the X-ray latch
pin 9 connected to VCC via
RXSEL
2
−−
V
RXSEL
external resistor at pin 9
no reset via I2C-bus
56
130
k
Vertical oscillator [oscillator frequency in application without adjustment of free-running frequency ffr(V)]
ffr(V)
free-running frequency
RVREF =22kΩ;
CVCAP = 100 nF
40
42
43.3
Hz
fcr(V)
vertical frequency catching
range
constant amplitude; note 7 50
160
Hz
VVREF
voltage at reference input for
vertical oscillator
3.0
V
td(scan)
delay between trigger pulse
and start of ramp at VCAP
(pin 24) (width of vertical
blanking pulse)
control bit VBLK = 0
220
260
300
µs
control bit VBLK = 1
305
350
395
µs
IVAGC
amplitude control current
control bit AGCDIS = 0
±120
±200
±300
µA
control bit AGCDIS = 1
0
−µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
More results

Similar Description - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4857PS PHILIPS-TDA4857PS Datasheet
235Kb / 56P
   I2C-bus autosync deflection controller for PC monitors
2000 Jan 31
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
TDA4841PS PHILIPS-TDA4841PS Datasheet
245Kb / 60P
   I2C-bus autosync deflection controller for PC monitors
1999 Oct 25
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
NXP Semiconductors
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
logo
NTE Electronics
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com