Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4853 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA4853
Description  I2C-bus autosync deflection controllers for PC/TV monitors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4853 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA4853 Datasheet HTML 15Page - NXP Semiconductors TDA4853 Datasheet HTML 16Page - NXP Semiconductors TDA4853 Datasheet HTML 17Page - NXP Semiconductors TDA4853 Datasheet HTML 18Page - NXP Semiconductors TDA4853 Datasheet HTML 19Page - NXP Semiconductors TDA4853 Datasheet HTML 20Page - NXP Semiconductors TDA4853 Datasheet HTML 21Page - NXP Semiconductors TDA4853 Datasheet HTML 22Page - NXP Semiconductors TDA4853 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
1999 Jul 13
19
Philips Semiconductors
Product specification
I2C-bus autosync deflection controllers for
PC/TV monitors
TDA4853; TDA4854
Phase adjustments and corrections via PLL1 and PLL2
HPOS
horizontal position (referenced
to horizontal period)
register HPOS = 0
−−13
%
register HPOS = 127
0
%
register HPOS = 255
13
%
HPINBAL
horizontal pin unbalance
correction via HPLL2
(referenced to horizontal
period)
register HPINBAL = 0;
control bit HPC = 0; note 6
−−0.8
%
register HPINBAL = 15;
control bit HPC = 0; note 6
0.8
%
register HPINBAL = X;
control bit HPC = 1; note 6
0
%
HPARAL
horizontal parallelogram
correction (referenced to
horizontal period)
register HPARAL = 0;
control bit HBC = 0; note 6
−−0.8
%
register HPARAL = 15;
control bit HBC = 0; note 6
0.8
%
register HPARAL = X;
control bit HBC = 1; note 6
0
%
HMOIRE
relative modulation of
horizontal position by 0.5fH;
phase alternates with 0.5fV
register HMOIRE = 0;
control bit MOD = 0
0
%
register HMOIRE = 31;
control bit MOD = 0
0.05
%
HMOIREoff
moire cancellation off
control bit MOD = 1
0
%
PLL2 phase detector: pins HFLB and HPLL2
φPLL2
PLL2 control (advance of
horizontal drive with respect to
middle of horizontal flyback)
maximum advance;
register HPINBAL = 07;
register HPARAL = 07
36
−−
%
minimum advance;
register HPINBAL = 07;
register HPARAL = 07
7
%
Ictrl(PLL2)
PLL2 control current
75
−µA
Φ
PLL2
relative sensitivity of PLL2
phase shift related to horizontal
period
28
mV/%
VPROT(PLL2)(max)
maximum voltage for PLL2
protection mode/soft start
4.4
V
Ich(PLL2)
charge current for external
capacitor during soft start
VHPLL2 < 3.7 V
1
−µA
HORIZONTAL FLYBACK INPUT: PIN HFLB
Vpos(HFLB)
positive clamping voltage
IHFLB =5mA
5.5
V
Vneg(HFLB)
negative clamping voltage
IHFLB = −1mA
−−0.75
V
Ipos(HFLB)
positive clamping current
−−
6mA
Ineg(HFLB)
negative clamping current
−−−2mA
Vsl(HFLB)
slicing level
2.8
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
More results

Similar Description - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4857PS PHILIPS-TDA4857PS Datasheet
235Kb / 56P
   I2C-bus autosync deflection controller for PC monitors
2000 Jan 31
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
TDA4841PS PHILIPS-TDA4841PS Datasheet
245Kb / 60P
   I2C-bus autosync deflection controller for PC monitors
1999 Oct 25
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
NXP Semiconductors
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
logo
NTE Electronics
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com