Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4853 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA4853
Description  I2C-bus autosync deflection controllers for PC/TV monitors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4853 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA4853 Datasheet HTML 11Page - NXP Semiconductors TDA4853 Datasheet HTML 12Page - NXP Semiconductors TDA4853 Datasheet HTML 13Page - NXP Semiconductors TDA4853 Datasheet HTML 14Page - NXP Semiconductors TDA4853 Datasheet HTML 15Page - NXP Semiconductors TDA4853 Datasheet HTML 16Page - NXP Semiconductors TDA4853 Datasheet HTML 17Page - NXP Semiconductors TDA4853 Datasheet HTML 18Page - NXP Semiconductors TDA4853 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
1999 Jul 13
15
Philips Semiconductors
Product specification
I2C-bus autosync deflection controllers for
PC/TV monitors
TDA4853; TDA4854
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); all voltages measured with respect to ground.
Notes
1. Machine model: 200 pF; 0.75
µH; 10 Ω.
2. Human body model: 100 pF; 7.5
µH; 1500 Ω.
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“URF-4-2-59/601”; EMC emission/immunity test in accordance with “DIS 1000 4.6” (IEC 801.6).
Note
1. Tests are performed with application reference board. Tests with other boards will have different results.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+16
V
Vi(n)
input voltage for pins:
BIN
−0.5
+6.0
V
HSYNC, VSYNC, VREF, HREF, VSMOD and HSMOD
−0.5
+6.5
V
SDA and SCL
−0.5
+8.0
V
XRAY
−0.5
+8.0
V
Vo(n)
output voltage for pins:
VOUT2, VOUT1 and HUNLOCK
−0.5
+6.5
V
BDRV and HDRV
−0.5
+16
V
VI/O(n)
input/output voltages at pins BOP and BSENS
−0.5
+6.0
V
Io(HDRV)
horizontal driver output current
100
mA
Ii(HFLB)
horizontal flyback input current
−10
+10
mA
Io(CLBL)
video clamping pulse/vertical blanking output current
−−10
mA
Io(BOP)
B+ control OTA output current
1mA
Io(BDRV)
B+ control driver output current
50
mA
Io(EWDRV)
EW driver output current
−−5mA
Io(FOCUS)
focus driver output current
−−5mA
Tamb
operating ambient temperature
−20
+70
°C
Tj
junction temperature
150
°C
Tstg
storage temperature
−55
+150
°C
VESD
electrostatic discharge for all pins
note 1
−150
+150
V
note 2
−2000 +2000 V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
55
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VEMC
emission test
note 1
1.5
mV
immunity test
note 1
2.0
V


Similar Part No. - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
More results

Similar Description - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4857PS PHILIPS-TDA4857PS Datasheet
235Kb / 56P
   I2C-bus autosync deflection controller for PC monitors
2000 Jan 31
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
TDA4841PS PHILIPS-TDA4841PS Datasheet
245Kb / 60P
   I2C-bus autosync deflection controller for PC monitors
1999 Oct 25
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
NXP Semiconductors
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
logo
NTE Electronics
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com