Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4853 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA4853
Description  I2C-bus autosync deflection controllers for PC/TV monitors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4853 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA4853 Datasheet HTML 8Page - NXP Semiconductors TDA4853 Datasheet HTML 9Page - NXP Semiconductors TDA4853 Datasheet HTML 10Page - NXP Semiconductors TDA4853 Datasheet HTML 11Page - NXP Semiconductors TDA4853 Datasheet HTML 12Page - NXP Semiconductors TDA4853 Datasheet HTML 13Page - NXP Semiconductors TDA4853 Datasheet HTML 14Page - NXP Semiconductors TDA4853 Datasheet HTML 15Page - NXP Semiconductors TDA4853 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
1999 Jul 13
12
Philips Semiconductors
Product specification
I2C-bus autosync deflection controllers for
PC/TV monitors
TDA4853; TDA4854
Horizontal pincushion (including horizontal size,
corner correction and trapezium correction)
EWDRV (pin 11) provides a complete EW drive waveform.
The components horizontal pincushion, horizontal size,
corner correction and trapezium correction are controlled
by the registers HPIN, HSIZE, HCOR and HTRAP.
HTRAP can be set to zero by control bit VPC.
The pincushion (EW parabola) amplitude, corner and
trapezium correction track with the vertical picture size
(VSIZE) and also with the adjustment for vertical picture
position (VPOS). The corner correction does not track with
the horizontal pincushion (HPIN).
Further the horizontal pincushion amplitude, corner and
trapezium correction track with the horizontal picture size,
which is adjusted via register HSIZE and the analog
modulation input HSMOD.
If the DC component in the EWDRV output signal is
increased via HSIZE or IHSMOD, the pincushion, corner and
trapezium component of the EWDRV output will be
reduced by a factor of
The value 14.4 V is a virtual voltage for calculation only.
The output pin can not reach this value, but the gain (and
DC bias) of the external application should be such that the
horizontal deflection is reduced to zero when EWDRV
reaches 14.4 V.
HSMOD can be used for a DC controlled EHT
compensation by correcting horizontal size, horizontal
pincushion, corner and trapezium. The control range at
this pin tracks with the actual value of HSIZE. For an
increasing DC component VHSIZE in the EWDRV output
signal, the DC component VHEHT caused by IHSMOD will be
reduced by a factor of
as shown in the equation
above.
The whole EWDRV voltage is calculated as follows:
VEWDRV = 1.2 V + [VHSIZE +VHEHT × f(HSIZE) + (VHPIN +
VHCOR +VHTRAP) × g(HSIZE, HSMOD)] × h(IHREF)
Where:
Two different modes of operation can be chosen for the
EW output waveform via control bit FHMULT:
1. Mode 1
Horizontal size is controlled via register HSIZE and
causes a DC shift at the EWDRV output. The complete
waveform is also multiplied internally by a signal
proportional to the line frequency [which is detected
via the current at HREF (pin 28)]. This mode is to be
used for driving EW diode modulator stages which
require a voltage proportional to the line frequency.
2. Mode 2
The EW drive waveform does not track with the line
frequency. This mode is to be used for driving EW
modulators which require a voltage independent of the
line frequency.
Output stage for asymmetric correction waveforms
[ASCOR (pin 20)]
This output is designed as a voltage output for
superimposed waveforms of vertical parabola and
sawtooth. The amplitude and polarity of both signals can
be changed via registers HPARAL and HPINBAL.
Application hint: The TDA4854 offers two possibilities to
control registers HPINBAL and HPARAL.
1. Control bit ACD = 1
The two registers now control the horizontal phase by
means of internal modulation of the PLL2 horizontal
phase control. The ASCOR output (pin 20) can be left
unused, but it will always provide an output signal
because the ASCOR output stage is not influenced by
the control bit ACD.
2. Control bit ACD = 0
The internal modulation via PLL2 is disconnected.
In order to obtain the required effect on the screen,
pin ASCOR must now be fed to the DC amplifier which
controls the DC shift of the horizontal deflection. This
option is useful for applications which already use a
DC shift transformer.
If the tube does not need HPINBAL and HPARAL, then pin
ASCOR can be used for other purposes, i.e. for a simple
dynamic convergence.
1
V
HSIZE
V
HEHT 1
V
HSIZE
14.4 V
-----------------


+
14.4
-------------------------------------------------------------------------
1
V
HSIZE
14.4 V
-----------------
V
HEHT
I
HSMOD
120
µA
--------------------
0.69
×
=
f(HSIZE)
1
V
HSIZE
14.4 V
-----------------
=
g(HSIZE, HSMOD)
1
V
HSIZE
V
HEHT
1
V
HSIZE
14.4 V
-----------------


+
14.4 V
--------------------------------------------------------------------------
=
hI
HREF
()
I
HREF
I
HREF
f70kHz
=
--------------------------------
=


Similar Part No. - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
More results

Similar Description - TDA4853

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4857PS PHILIPS-TDA4857PS Datasheet
235Kb / 56P
   I2C-bus autosync deflection controller for PC monitors
2000 Jan 31
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
TDA4841PS PHILIPS-TDA4841PS Datasheet
245Kb / 60P
   I2C-bus autosync deflection controller for PC monitors
1999 Oct 25
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
NXP Semiconductors
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
logo
NTE Electronics
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com