Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ12010 Datasheet(PDF) 1 Page - Mini-Circuits

Part # AZ12010
Description  Multiply by 16, 32 Phase-Locked Loop Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

AZ12010 Datasheet(HTML) 1 Page - Mini-Circuits

  AZ12010 Datasheet HTML 1Page - Mini-Circuits AZ12010 Datasheet HTML 2Page - Mini-Circuits AZ12010 Datasheet HTML 3Page - Mini-Circuits AZ12010 Datasheet HTML 4Page - Mini-Circuits AZ12010 Datasheet HTML 5Page - Mini-Circuits AZ12010 Datasheet HTML 6Page - Mini-Circuits AZ12010 Datasheet HTML 7Page - Mini-Circuits AZ12010 Datasheet HTML 8Page - Mini-Circuits AZ12010 Datasheet HTML 9Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AZ12010
Multiply by 16, 32 Phase-Locked Loop Clock Generator
1630 S. STAPLEY DR., SUITE 127
• MESA, ARIZONA 85204 • USA • (480) 962-5881 • FAX (480) 890-2541
www.azmicrotek.com
ARIZONA MICROTEK, INC.
FEATURES
Differential Inputs/Outputs for External
Voltage Controlled SAW Oscillator
Optional Internal Crystal Oscillator Driver
Internal Edge-Matching Phase/Frequency
Detector
Internal Charge-Pump/Integrator Amplifier
RF Bipolar Design for Low Phase Noise
Available in a 3x3 mm MLP Package
DESCRIPTION
The AZ12010 contains all of the functional elements necessary to implement a Phase-Locked Loop for clock
multiplication at frequencies up to 800 MHz. A fixed 32 times multiplication allows the use of low cost crystals or a
low frequency reference signal. The output can be divided by two for 16 times net multiplication. The VCSO is
differentially or single-ended driven using the chip CML SAW outputs. The dynamic properties of the PLL are
under the control of the user through selection of the desired external components.
PACKAGE AVAILABILITY
PACKAGE
PART NO.
MARKING
NOTES
MLP 16 (3x3)
AZ12010AL
AZ12010A
<Date Code>
1,2
MLP 16 (3x3)
RoHS Compliant /
Lead (Pb) Free
AZ12010AL+
AZ12010A+
<Date Code>
1,2
MLP 16 (3x3)
AZ12010BL
AZ12010B
<Date Code>
1,2
MLP 16 (3x3)
RoHS Compliant /
Lead (Pb) Free
AZ12010BL+
AZ12010B+
<Date Code>
1,2
DIE
AZ12010XP
N/A
3
1
Add R1 at end of part number for 7 inch (1K parts), R2 for 13 inch (2.5K parts)
Tape & Reel.
2
Date code format: “YY” for year followed by “WW” for week.
3
Waffle Pack


Similar Part No. - AZ12010

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
AZ12010AL AZM-AZ12010AL Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
AZ12010AL++ AZM-AZ12010AL+ Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
AZ12010BL AZM-AZ12010BL Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
AZ12010BL++ AZM-AZ12010BL+ Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
More results

Similar Description - AZ12010

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
   Programmable Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
   Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Pericom Semiconductor C...
PI6C2516 PERICOM-PI6C2516 Datasheet
298Kb / 7P
   Phase-Locked Loop Clock Driver with 16 Clock Outputs
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com