Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ12010 Datasheet(PDF) 5 Page - Mini-Circuits

Part # AZ12010
Description  Multiply by 16, 32 Phase-Locked Loop Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

AZ12010 Datasheet(HTML) 5 Page - Mini-Circuits

  AZ12010 Datasheet HTML 1Page - Mini-Circuits AZ12010 Datasheet HTML 2Page - Mini-Circuits AZ12010 Datasheet HTML 3Page - Mini-Circuits AZ12010 Datasheet HTML 4Page - Mini-Circuits AZ12010 Datasheet HTML 5Page - Mini-Circuits AZ12010 Datasheet HTML 6Page - Mini-Circuits AZ12010 Datasheet HTML 7Page - Mini-Circuits AZ12010 Datasheet HTML 8Page - Mini-Circuits AZ12010 Datasheet HTML 9Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AZ12010
November 2006 * REV - 5
www.azmicrotek.com
5
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Rating
Unit
VCC
Power Supply
(VEE = GND)
0 to +6.0
Vdc
VI
Input Voltage
(VEE = GND)
0 to +6.0
Vdc
IOUT
PECL Output Current
— Continuous
— Surge
50
100
mA
TA
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
AZ12010 DC CHARACTERISTICS (VCC = +3.0 to +3.6 V, VEE = GND)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Typ
Max
Min
Max
Unit
VBB
Reference Voltage
VCC
-1.38
VCC
-1.26
VCC
-1.38
VCC
-1.26
VCC
-1.38
VCC
-1.31
VCC
-1.26
VCC
-1.38
VCC
-1.26
V
RREF
REFIN Pull-Down resistor
to VBB
470
Ω
RSAW
SAWIN, SAWIN
¯¯¯¯¯¯¯ Pull-
Down resistor to VBB
10K
Ω
VHCTL
High level integrator output
VCC
-1.0
VCC
-1.0
VCC
-1.0
VCC
-1.0
V
VLCTL
Low level integrator output
0.5
0.5
0.5
0.5
V
VOH
Output HIGH Voltage1
Q, Q
¯
VCC
-1085
VCC
-880
VCC
-1025
VCC
-880
VCC
-1025
VCC
-955
VCC
-880
VCC
-1025
VCC
-880
mV
VOH
Output HIGH Voltage2
SAWOUT, SAWOUT
¯¯¯¯¯¯¯¯
VCC
-10
VCC
VCC
-10
VCC
VCC
-10
VCC
VCC
-10
VCC
mV
VOL
Output LOW Voltage1
Q, Q
¯
VCC
-1830
VCC
-1555
VCC
-1810
VCC
-1620
VCC
-1810
VCC
-1705
VCC
-1620
VCC
-1810
VCC
-1620
mV
VOL
Output LOW Voltage2
SAWOUT, SAWOUT
¯¯¯¯¯¯¯¯
VCC
-349
VCC
-481
VCC
-365
VCC
-516
VCC
-392
VCC
-449
VCC
-557
VCC
-465
VCC
-661
mV
VIH
Input HIGH Voltage,
LVCMOS/LVTTL
EN, DIV_SEL
2.2
VCC
2.2
VCC
2.2
VCC
2.2
VCC
V
VIL
Input LOW Voltage,
LVCMOS/LVTTL
EN, DIV_SEL
0.0
0.8
0.0
0.8
0.0
0.8
0.0
0.8
V
ICC (IEE)
Power Supply Current
65
65
45
54
65
65
mA
1.
Load is 50
Ω to VCC-2V
2.
Load is 50
Ω to VCC
AZ 12010 AC CHARACTERISTICS (VCC = +3.0 to +3.6 V, VEE = GND)
-40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
APD
Phase Detector Gain
20.3
radians/V
fVCO
External VSCO frequency
800
800
800
MHz
tr / tf
Output Rise & Fall Times
(20% - 80%)
Q, Q
¯¯
120
ps
aV
SAW Amplifier and
Driver Gain at 622.08
MHz1
18
24.5
28
15.5
21
24.5
13.5
19
22.5
dB
1. Single Ended Input and Output, Driven from 50Ω backmatched source, Load 50Ω to VCC.


Similar Part No. - AZ12010

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
AZ12010AL AZM-AZ12010AL Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
AZ12010AL++ AZM-AZ12010AL+ Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
AZ12010BL AZM-AZ12010BL Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
AZ12010BL++ AZM-AZ12010BL+ Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
More results

Similar Description - AZ12010

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
   Programmable Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
   Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Pericom Semiconductor C...
PI6C2516 PERICOM-PI6C2516 Datasheet
298Kb / 7P
   Phase-Locked Loop Clock Driver with 16 Clock Outputs
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com