Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ12010 Datasheet(PDF) 4 Page - Mini-Circuits

Part # AZ12010
Description  Multiply by 16, 32 Phase-Locked Loop Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

AZ12010 Datasheet(HTML) 4 Page - Mini-Circuits

  AZ12010 Datasheet HTML 1Page - Mini-Circuits AZ12010 Datasheet HTML 2Page - Mini-Circuits AZ12010 Datasheet HTML 3Page - Mini-Circuits AZ12010 Datasheet HTML 4Page - Mini-Circuits AZ12010 Datasheet HTML 5Page - Mini-Circuits AZ12010 Datasheet HTML 6Page - Mini-Circuits AZ12010 Datasheet HTML 7Page - Mini-Circuits AZ12010 Datasheet HTML 8Page - Mini-Circuits AZ12010 Datasheet HTML 9Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AZ12010
November 2006 * REV - 5
www.azmicrotek.com
4
AZ12010 FUNCTIONAL PIN/PAD DESCRIPTIONS
Name
Functional Description
Logic Level
REFIN
Reference Frequency Input This pin/pad includes an on-chip 470
Ω pull
down resistor to VBB. The input from the reference circuit should be AC
coupled.
REFOUT
¯¯¯¯¯¯¯¯
Reference Frequency Output This pin is an inverted and amplified version of
the signal on the REFIN pin. The gain from REFIN to REFOUT
¯¯¯¯¯¯¯¯ is
approximately 20. If VEEP is connected to VEE, a 4 ma on-chip current source is
provided for the output.
REFOUT
¯¯¯¯¯¯¯¯ is not available on the packaged versions (AZ12010A, AZ12010B).
PECL
CPREF
Charge Pump Reference Output The pin/pad voltage is nominally 1.2 volts
below VCC.
CPOUT
Charge Pump Output The charge pump output voltage is VCPREF ±0.3V
during a phase correction pulse. When there is no correction pulse the output
goes high impedance.
CPPOL
Charge Pump Polarity When this pin/pad is pulled high the PLL operates
with a VCSO circuit exhibiting negative pulling slope (the VCSO frequency
goes down when the control voltage goes up). When this pin/pad is pulled low
(AZM12010B) the PLL operates with a VCSO circuit exhibiting positive
pulling slope (the VCSO frequency goes up when the control voltage goes up).
If the pin/pad is left open (AZM12010A), an internal pullup resistor selects
negative pulling slope mode.
LVCMOS
LVTTL
INTREF
Integrator Reference Input This pin/pad should be connected to CPREF
through a bias current cancellation network
INTSUM
Integrator Summing Junction This pin/pad is the summing junction for the
integrator amplifier
INTOUT
Integrator Output
SAWIN
SAWIN
¯¯¯¯¯¯¯
SAW Amplifier Inputs If only one input is used (Single-ended VCSO), the
unused input should be bypassed with a capacitor to VBB.
SAWOUT
SAWOUT
¯¯¯¯¯¯¯¯
SAW Amplifier Outputs These are open collector outputs for driving the
VCSO device. Operating at nominally 9 ma, external pullup resistors must be
connected between these pins/pads and VCC. If only one output is used, the
other output should be connected to VCC through a 50Ω resistor.
CML (Analog)
ENABLE
PLL Output Enable The Q and Q
¯ outputs are enabled when this pin/pad is
pulled high. When this pin/pad is low, the Q output is high, and the Q
¯ output is
low. If the pin/pad is left open, an internal pullup resistor enables the outputs.
LVCMOS
LVTTL
DIV_SEL
Divide Select When this pin/pad is high, the Q and Q
¯ outputs are divided by
one from the SAW device. When it is low, the Q and Q
¯ outputs are divided by
two from the SAW device. If the pin/pad is left open, an internal pullup resistor
selects the divide by one mode.
LVCMOS
LVTTL
Q
Q
¯
Clock Output These pin/pads are the main clock output. When ENABLE is
low, the outputs are disabled with Q high and Q
¯ low.
PECL
VBB
Reference Voltage Output This pin/pad is used to bias the REFIN signal. It
must be bypassed externally to the VEE pins/pads with a 0.01 μF capacitor.
VEEP
REFOUT
¯¯¯¯¯¯¯¯ Current Source If VEEP is connected to VEE, a 4 ma on-chip current
source is provided for the REFOUT
¯¯¯¯¯¯¯¯ output.
VEEP is not available on the packaged versions (AZ12010A, AZ12010B).
VCC
Positive Supply +3.0 to +3.6 V
VEE
Negative Supply Ground


Similar Part No. - AZ12010

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
AZ12010AL AZM-AZ12010AL Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
AZ12010AL++ AZM-AZ12010AL+ Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
AZ12010BL AZM-AZ12010BL Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
AZ12010BL++ AZM-AZ12010BL+ Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
More results

Similar Description - AZ12010

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
   Programmable Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
   Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Pericom Semiconductor C...
PI6C2516 PERICOM-PI6C2516 Datasheet
298Kb / 7P
   Phase-Locked Loop Clock Driver with 16 Clock Outputs
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com