Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA2579C Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA2579C
Description  Synchronization circuit with synchronized vertical divider system for 60 Hz
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2579C Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA2579C Datasheet HTML 6Page - NXP Semiconductors TDA2579C Datasheet HTML 7Page - NXP Semiconductors TDA2579C Datasheet HTML 8Page - NXP Semiconductors TDA2579C Datasheet HTML 9Page - NXP Semiconductors TDA2579C Datasheet HTML 10Page - NXP Semiconductors TDA2579C Datasheet HTML 11Page - NXP Semiconductors TDA2579C Datasheet HTML 12Page - NXP Semiconductors TDA2579C Datasheet HTML 13Page - NXP Semiconductors TDA2579C Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
January 1994
10
Philips Semiconductors
Preliminary specification
Synchronization circuit with synchronized
vertical divider system for 60 Hz
TDA2579C
The maximum allowed starting current is 9.7 mA
(Tamb =25 °C).
The main supply should be connected to pin 10 and pin 9
should be used for ground. When the voltage on pin 10
increases from zero to its final value (typ. 12 V) a part of
the supply current of the starting circuit is taken from pin 10
via internal diodes and the voltage on pin 16 will stabilize
on a typical value of 9.3 V. In stabilized conditions
(V10 > 10 V) the minimum required supply current into
pin 16 is approximately 2.5 mA.
All other IC functions are switched on via the main supply
voltage on pin 10. When this voltage reaches a value of
approximately 7 V the horizontal phase detector is
activated and the vertical ramp on pin 3 is started. The
second phase detector circuit and burst pulse circuit are
started when the voltage on pin 10 reaches the stabilized
voltage value of pin 16 typical 9.3 V.
To close the second phase detector loop a flyback pulse
must be applied to pin 12. When no flyback pulse is
detected the duty factor of the horizontal output stage
is 50%.
For remote switch-off pin 16 can be connected to ground
(via a npn transistor with a collector series resistor of
approximately 500
Ω) which decreases pin 16 voltage to
≤5 V and switches off the horizontal output pulse.
Horizontal oscillator, horizontal output transistor and
second phase detector
The horizontal oscillator is connected to pin 15. The
frequency is set by an external RC combination between
pin 15 and ground (pin 9). The open collector horizontal
output stage is connected to pin 11. An internal Zener
diode configuration limits the open voltage of pin 11 to
approximately 14.5 V. The horizontal output transistor at
pin 11 is blocked until the current into pin 16 reaches a
value of approximately 5 mA.
A higher current results in a horizontal output signal at
pin 11, which starts with a duty factor of approximately
40% HIGH.
The duty factor is set by an internal current-source-loaded
npn emitter follower stage connected to pin 14 during
starting. When pin 16 changes over to voltage stabilization
the npn emitter follower and current source load at pin 14
are switched off and the second phase detector is
activated, provided a horizontal flyback pulse is present at
pin 12. When no flyback pulse is detected at pin 12 the
duty factor of the horizontal output stage is set to 50%. The
phase detector circuit at pin 14 compensates for storage
time in the horizontal deflection output state.
The horizontal output pulse duration is 29
µs HIGH for
storage times between 1
µs and 17 µs (flyback pulse of
12 to 29
µs). A higher storage time increases the
HIGH time.
Horizontal picture shift is possible by forcing an external
charge or discharge current into the capacitor at pin 14.
Mute output and 60 Hz identification (pin 13)
The collector of an npn transistor is connected to pin 13.
When the voltage on pin 18 drops below 1.2 V (no TV
transmitter) the npn transistor is switched on. When the
voltage on pin 18 increases to a level of approximately
1.8 V (new TV transmitter found) the npn transistor is
switched off.
This function is available when pin 13 is connected to
pin 10 (+12 V) via an external pull-up resistor of 10 to
20 k
Ω. When no TV transmitter is identified the voltage on
pin 13 will be LOW (
<0.5 V).
When an M-system TV transmitter with a divider ratio
<576
(60 Hz) is found an internal pnp transistor with its emitter
connected to pin 13 will force the output voltage down to
approximately 7.6 V.
Sandcastle output (pin 17)
The sandcastle output pulse generated at pin 17 has three
different voltage levels. The highest level (10.4 V) can be
used for burst gating and black level clamping. The second
level (4.5 V) is obtained from the horizontal flyback pulse
at pin 12 and is used for horizontal blanking. The third level
(2.5 V) is used for vertical blanking and is derived via the
vertical divider system. For 60 Hz the blanking pulse
duration is 34 clock pulses started from the reset of the
vertical divider system.
For TV signals which have a divider ratio between 522 and
528 the vertical blanking pulse is started at the first
equalizing pulse.


Similar Part No. - TDA2579C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2579B PHILIPS-TDA2579B Datasheet
136Kb / 21P
   Horizontal/vertical synchronization circuit
September 1990
More results

Similar Description - TDA2579C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2579B PHILIPS-TDA2579B Datasheet
136Kb / 21P
   Horizontal/vertical synchronization circuit
September 1990
logo
Renesas Technology Corp
82P33931 RENESAS-82P33931 Datasheet
345Kb / 5P
   Synchronization System for IEEE 1588
April 5, 2017
logo
Integrated Device Techn...
82P33914 IDT-82P33914 Datasheet
146Kb / 4P
   Synchronization System
82P33931 IDT-82P33931 Datasheet
125Kb / 4P
   Synchronization System for IEEE 1588
82P33910 IDT-82P33910 Datasheet
125Kb / 4P
   Synchronization System for IEEE 1588
82P33910-1 IDT-82P33910-1 Datasheet
125Kb / 4P
   Synchronization System for IEEE 1588
82P33913 IDT-82P33913 Datasheet
163Kb / 3P
   Synchronization System for IEEE 1588
logo
Renesas Technology Corp
82P33910 RENESAS-82P33910 Datasheet
244Kb / 5P
   Synchronization System for IEEE 1588
April 5, 2017
82P33913 RENESAS-82P33913 Datasheet
429Kb / 6P
   Synchronization System for IEEE 1588
November 18, 2021
82P33914 RENESAS-82P33914 Datasheet
251Kb / 5P
   Synchronization System for IEEE 1588
April 5, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com