Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA2579C Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA2579C
Description  Synchronization circuit with synchronized vertical divider system for 60 Hz
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2579C Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA2579C Datasheet HTML 1Page - NXP Semiconductors TDA2579C Datasheet HTML 2Page - NXP Semiconductors TDA2579C Datasheet HTML 3Page - NXP Semiconductors TDA2579C Datasheet HTML 4Page - NXP Semiconductors TDA2579C Datasheet HTML 5Page - NXP Semiconductors TDA2579C Datasheet HTML 6Page - NXP Semiconductors TDA2579C Datasheet HTML 7Page - NXP Semiconductors TDA2579C Datasheet HTML 8Page - NXP Semiconductors TDA2579C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
January 1994
5
Philips Semiconductors
Preliminary specification
Synchronization circuit with synchronized
vertical divider system for 60 Hz
TDA2579C
PINNING
SYMBOL
PIN
DESCRIPTION
VOUT
1
vertical driver output
FB
2
vertical feedback input
SAW
3
vertical sawtooth generator
VDC
4
vertical deflection current output
VID
5
video signal input
CSL
6
slicing level storage capacitor
RSL
7
slicing level resistor
ϕ1
8
phase detector
ϕ1
GND
9
ground (0 V)
VP
10
main supply voltage (+12 V)
HOUT
11
horizontal driver output
FLYB
12
horizontal flyback pulse input
MUTE
13
mute output
HSHIFT
14
horizontal picture shift capacitor
HOSC
15
horizontal oscillator frequency
setting
STAB
16
start circuit stabilizer input
SC
17
sandcastle output
DET
18
coincidence detector output
Fig.2 Pin configuration.
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
MGA790
V
FB
SAW
VDC
VID
CSL
RSL
1
GND
DET
SC
STAB
H
SHIFT
MUTE
FLYB
H
VP
ϕ
TDA2579C
OSC
OUT
H
OUT
FUNCTIONAL DESCRIPTION
The TDA2579C generates both horizontal and vertical
drive signals, a 3-level sandcastle output pulse, a
transmitter identification signal and 60 Hz window
information.
The horizontal oscillator and horizontal output stage
functions are started via the supply current into pin 16.
The required current has a typical value of 5 mA which can
be taken directly from the mains rectifier. The horizontal
output transistor at pin 11 is not conducting until the supply
current at pin 16 has reached its typical value. The starting
circuit has a hysteresis of approximately 1 mA. The
horizontal output current of pin 11 starts at a duty cycle of
60%. All other IC functions are enabled via the main supply
voltage on pin 10.
The pin 16 supply system enables slaved synchronized
switch mode systems in which the horizontal output signal
of the TDA2579C is used as master signal. In such a
system the 12 V supply (main supply at pin 10) can be
generated by the line output stage.
An internal Zener diode reference voltage is used for the
vertical processing part. The IC embodies a synchronized
divider system for generating the vertical sawtooth at
pin 3. Thus no vertical frequency adjustment is required.
The circuit operation is restricted to the M (fV = 60 Hz)
system.
Vertical part (pins 1, 2, 3 and 4)
The IC embodies a synchronized divider system for
generating the vertical sawtooth at pin 3. The divider
system has an internal frequency doubling circuit, thus the
horizontal oscillator is operating at its nominal line
frequency and one line period equals 2 clock pulses.
No vertical frequency adjustment is required due to the
divider system. The divider system operates with
3 different reset windows for maximum
interference/disturbance protection.
The windows are activated via an up/down counter.
The counter increases its value by 1 each time the
separated vertical sync pulse is within the window being
searched. The count is reduced by 1 when the vertical
sync pulse is not present.
The reset of the counter system (clock pulse 0) is at half a
line period after the start of the vertical pulse at pin 5.


Similar Part No. - TDA2579C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2579B PHILIPS-TDA2579B Datasheet
136Kb / 21P
   Horizontal/vertical synchronization circuit
September 1990
More results

Similar Description - TDA2579C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2579B PHILIPS-TDA2579B Datasheet
136Kb / 21P
   Horizontal/vertical synchronization circuit
September 1990
logo
Renesas Technology Corp
82P33931 RENESAS-82P33931 Datasheet
345Kb / 5P
   Synchronization System for IEEE 1588
April 5, 2017
logo
Integrated Device Techn...
82P33914 IDT-82P33914 Datasheet
146Kb / 4P
   Synchronization System
82P33931 IDT-82P33931 Datasheet
125Kb / 4P
   Synchronization System for IEEE 1588
82P33910 IDT-82P33910 Datasheet
125Kb / 4P
   Synchronization System for IEEE 1588
82P33910-1 IDT-82P33910-1 Datasheet
125Kb / 4P
   Synchronization System for IEEE 1588
82P33913 IDT-82P33913 Datasheet
163Kb / 3P
   Synchronization System for IEEE 1588
logo
Renesas Technology Corp
82P33910 RENESAS-82P33910 Datasheet
244Kb / 5P
   Synchronization System for IEEE 1588
April 5, 2017
82P33913 RENESAS-82P33913 Datasheet
429Kb / 6P
   Synchronization System for IEEE 1588
November 18, 2021
82P33914 RENESAS-82P33914 Datasheet
251Kb / 5P
   Synchronization System for IEEE 1588
April 5, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com