Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS7140-01 Datasheet(PDF) 14 Page - AMI SEMICONDUCTOR

Part # FS7140-01
Description  Programmable Phase-Locked Loop Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

FS7140-01 Datasheet(HTML) 14 Page - AMI SEMICONDUCTOR

Back Button FS7140-01 Datasheet HTML 7Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 8Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 9Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 10Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 11Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 12Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 13Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 14Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 15Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Be
D
A
1
SEATING PLANE
H
E
16
1
ALL RADII:
0.005" TO 0.01"
BASE PLANE
A
2
C
L
q
7° typ.
h x 45°
A
14
AMI Semiconductor - Rev. 3.0
www.amis.com
FS7140-01 / FS7140-01g / FS7145 Programmable Phase-Locked Loop Clock Generator Data Sheet
SCL
SDA
STOP
t
su:STO
t
hd:STA
START
t
su:STA
ADDRESS OR
DATA VALID
DATA CAN
CHANGE
Figure 8: Bus Timing Data
SCL
SDA
IN
t
hd:DAT
t
hd:STA
t
su:STA
t
su:STO
t
LO
t
HI
SDA
OUT
t
su:DAT
t
BUF
t
R
t
F
t
AA
t
AA
Figure 9: Data Transfer Sequence
8.0 Package Information for ‘Green’ (FS7140) and ‘Non-Green’ (FS7140 & FS7145)
Table 15: 16-pin SOIC (0.150”) Package Dimensions
Dimensions
Inches
Millimeters
Min.
Max.
Min.
Max.
A
0.061
0.068
1.55
1.73
A1
0.004
0.0098
0.102
0.249
A2
0.055
0.061
1.40
1.55
B
0.013
0.019
0.33
0.49
C
0.0075
0.0098
0.191
0.249
D
0.386
0.393
9.80
9.98
E
0.150
0.157
3.81
3.99
e
0.050 BSC
1.27 BSC
H
0.230
0.244
5.84
6.20
h
0.010
0.016
0.25
0.41
L
0.016
0.035
0.41
0.89
Q


Similar Part No. - FS7140-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS7140-01G-XTD ONSEMI-FS7140-01G-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTD ONSEMI-FS7140-01G-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTD ONSEMI-FS7140-01G-XTD Datasheet
300Kb / 17P
Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
FS7140-01G-XTP ONSEMI-FS7140-01G-XTP Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTP ONSEMI-FS7140-01G-XTP Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
More results

Similar Description - FS7140-01

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
logo
Mini-Circuits
AZ12010 MINI-AZ12010 Datasheet
257Kb / 9P
Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
Phase-Locked Loop Clock Generator
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
logo
ON Semiconductor
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com