Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS7140-01 Datasheet(PDF) 11 Page - AMI SEMICONDUCTOR

Part # FS7140-01
Description  Programmable Phase-Locked Loop Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

FS7140-01 Datasheet(HTML) 11 Page - AMI SEMICONDUCTOR

Back Button FS7140-01 Datasheet HTML 7Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 8Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 9Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 10Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 11Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 12Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 13Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 14Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 15Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
AMI Semiconductor - Rev. 3.0
www.amis.com
FS7140-01 / FS7140-01g / FS7145 Programmable Phase-Locked Loop Clock Generator
Data Sheet
7.0 Electrical Specifications
Parameter
Symbol
Min.
Max.
Units
Supply Voltage, dc (V SS = ground)
VDD
VSS-0.5
4.5
V
Input Voltage, dc
V1
VSS-0.5
VDD+0.5
V
Output Voltage, dc
VO
VSS-0.5
VDD+0.5
V
Input Clamp Current, dc (V
I
< 0 or V I > VDD)
IIK
-50
50
mA
Output Clamp Current, dc (V
I
< 0 or V I > VDD)
IOK
-50
50
mA
Storage Temperature Range (non-condensing)
TS
-65
150
°C
Ambient Temperature Range, Under Bias
TA
-55
125
°C
Junction Temperature
TJ
150
°C
Reflow Solder Profile
Per IPC/JEDEC
J-STD-020B
Input Static Discharge Voltage Protection
(MIL-STD 883E, Method 3015.7)
2
kV
CAUTION: ELECTROST ATIC SENSITIVE DEVICE
Permanent damage resulting in a loss of functionality or performance may occur if this device is subjected to a
high-energy electrostatic discharge.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These conditions represent a stress rating only and functional operation of the
device at these or any other conditions above the operational limits noted in this specification is not implied. Exposure to maximum rating conditions for extended conditions may affect
device performance, functionality and reliability
.
Table 10: Absolute Maximum Ratings
Table 11: Operating Conditions
Parameter
Symbol
Conditions/Description
Min.
Typ.
Max.
Units
Supply Voltage
VDD
3.0
3.3
3.6
V
Ambient Operating
Temperature Range
TA
0
70
°C


Similar Part No. - FS7140-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS7140-01G-XTD ONSEMI-FS7140-01G-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTD ONSEMI-FS7140-01G-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTD ONSEMI-FS7140-01G-XTD Datasheet
300Kb / 17P
Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
FS7140-01G-XTP ONSEMI-FS7140-01G-XTP Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTP ONSEMI-FS7140-01G-XTP Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
More results

Similar Description - FS7140-01

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
logo
Mini-Circuits
AZ12010 MINI-AZ12010 Datasheet
257Kb / 9P
Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
Phase-Locked Loop Clock Generator
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
logo
ON Semiconductor
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com