Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS7140-01 Datasheet(PDF) 10 Page - AMI SEMICONDUCTOR

Part # FS7140-01
Description  Programmable Phase-Locked Loop Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

FS7140-01 Datasheet(HTML) 10 Page - AMI SEMICONDUCTOR

Back Button FS7140-01 Datasheet HTML 6Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 7Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 8Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 9Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 10Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 11Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 12Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 13Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 14Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
AMI Semiconductor - Rev. 3.0
www.amis.com
FS7140-01 / FS7140-01g / FS7145 Programmable Phase-Locked Loop Clock Generator Data Sheet
Table 9: Post Divider Control Bits
Name
Description
POST1[3:0]
POST Divider #1 (NP1) Modulus
[0000]
1
[0001]
2
[0010]
3
[0011]
4
[0100]
5
[0101]
6
[0110]
7
[0111]
8
[1000]
9
[1001]
10
[1010]
11
[1011]
12
[1100]
Do not use
[1101]
[1110]
[1111]
POST2[3:0]
POST Divider #2 (NP2) Modulus
[0000]
1
[0001]
2
[0010]
3
[0011]
4
[0100]
5
[0101]
6
[0110]
7
[0111]
8
[1000]
9
[1001]
10
[1010]
11
[1011]
12
[1100]
Do not use
[1101]
[1110]
[1111]
POST3[1:0]
POST Divider #3 (NP3) Modulus
[00]
1
[01]
2
[10]
4
[11]
8
Table 7: PLL Divider Control Bits
NAME
DESCRIPTION
REFDIV[11:0]
REFerence DIVider (NR)
FBKDIV[13:0]
FeedBacK DIVider (NR)
Table 8: SYNC Control Bits (FS7145 only)
Name
Description
SYNCEN
SYNC Enable
[0] = Disabled / [1] = Enabled
SYNCPOL
SYNC POLarity
[0] = Negative Edge / [1] = Positive Edge
Table 5: Device Configuration Bits
Name
Description
REFDSRC
REFerence Divider SouRCe
[0] = Crystal Oscillator / [1] = REF Pin
FBKDSRC
FeedB ack Divider SouRCe
[0] = VCO Output / [1] = Post Divider Output
SHUT1
SHUTdown1
[0] = Normal / [1] = Powered Down
SHUT2
SHUTdown2
[0] = Normal / [1] = Powered Down
CMOS
CLKP/CLKN Output Mode
[0] = PECL Output / [1] CMOS Output
Table 6: Main Loop Tuning Bits
Name
Description
CP[1:0]
Charge Pump Current
[00]
2.0
mA
[01]
4.5
mA
[10]
11.0
mA
[11]
22.5
mA
LR[1:0]
Loop Filter Resistor Select
[00]
400K
W
[01]
133K
W
[10]
30K
W
[11]
12K
W
LC
Loop Filter Capacitor Select
[0]
185pF
[1]
500pF


Similar Part No. - FS7140-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS7140-01G-XTD ONSEMI-FS7140-01G-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTD ONSEMI-FS7140-01G-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTD ONSEMI-FS7140-01G-XTD Datasheet
300Kb / 17P
Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
FS7140-01G-XTP ONSEMI-FS7140-01G-XTP Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTP ONSEMI-FS7140-01G-XTP Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
More results

Similar Description - FS7140-01

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
logo
Mini-Circuits
AZ12010 MINI-AZ12010 Datasheet
257Kb / 9P
Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
Phase-Locked Loop Clock Generator
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
logo
ON Semiconductor
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com