Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS7140-01 Datasheet(PDF) 9 Page - AMI SEMICONDUCTOR

Part # FS7140-01
Description  Programmable Phase-Locked Loop Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

FS7140-01 Datasheet(HTML) 9 Page - AMI SEMICONDUCTOR

Back Button FS7140-01 Datasheet HTML 5Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 6Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 7Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 8Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 9Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 10Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 11Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 12Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 13Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
AMI Semiconductor - Rev. 3.0
www.amis.com
FS7140-01 / FS7140-01g / FS7145 Programmable Phase-Locked Loop Clock Generator Data Sheet
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
BYTE 7
RESERVED
(Bit 63)
RESERVED
(Bit 62)
RESERVED
(Bit 61)
RESERVED
(Bit 60)
RESERVED
(Bit 59)
RESERVED
(Bit 58)
RESERVED
(Bit 57)
RESERVED
(Bit 56)
Must be set to “0”
Must be set to “0”
Must be set to “0”
Must be set to “0”
Must be set to “0”
Must be set to “0”
Must be set to “0”
Must be set to “0”
BYTE 6
RESERVED
(Bit 55)
RESERVED
(Bit 54)
SHUT2
(Bit 53)
RESERVED
(Bit 52)
RESERVED
(Bit 51)
RESERVED
(Bit 50)
SYNCPOL
(Bit 49)
SYNCEN
(Bit 48)
Must be set to “0”
Must be set to “0”
0 = Normal
1 = Powered Down
Must be set to “0”
Must be set to “0”
Must be set to “0”
“0” = negative
“1” = positive
“0” = negative
“1” = positive
BYTE 5
RESERVED
(Bit 47)
LC
(Bit 46)
LR[1]
(Bit 45)
LR[0]
(Bit 44)
RESERVED
(Bit 43)
RESERVED
(Bit 42)
CP[1]
(Bit 41)
CP[0]
(Bit 40)
Must be set to “0”
Loop Filter Cap
Select
Loop Filter Resistor Select
Must be set to “0”
Must be set to “0”
Charge Pump Current Select
BYTE 4
CMOS
(Bit 39)
FBKDSRC
(Bit 38)
FBKDIV[13]
(Bit 37)
FBKDIV[12]
(Bit 36)
FBKDIV[11]
(Bit 35)
FBKDIV[10]
(Bit 34)
FBKDIV[9]
(Bit 33)
FBKDIV[8]
(Bit 32)
0 = PECL
1 = CMOS
0 = VCO Output
1 = Post Divider
Output
8192
4096
2048
1024
512
256
See Section 4.1.2 for disallowed FBKDIV values
BYTE 3
FBKDIV[7]
(Bit 31)
FBKDIV[6]
(Bit 30)
FBKDIV[5]
(Bit 29)
FBKDIV[4]
(Bit 28)
FBKDIV[3]
(Bit 27)
FBKDIV[2]
(Bit 26)
FBKDIV[1]
(Bit 25)
FBKDIV[0]
(Bit 24)
128
64
32
16
8
4
2
1
See Section 4.1.2 for disallowed FBKDIV values
BYTE 2
POST2[3]
(Bit 23)
POST2[2]
(Bit 22)
POST2[1]
(Bit 21)
POST2[0]
(Bit 20)
POST1[3]
(Bit 19)
POST1[2]
(Bit 18)
POST1[1]
(Bit 17)
POST1[0]
(Bit 16)
Modulus = N+1 (N=0 to 11)
See Table 8
Modulus = N+1 (N=0 to 11)
See Table 8
BYTE 1
POST3[1]
(Bit 15)
POST3[0]
(Bit 14)
SHUT1
(Bit 13)
REFDSRC
(Bit 12)
REFDIV[11]
(Bit 11)
REFDIV[10]
(Bit 10)
REFDIV[9]
(Bit 9)
REFDIV[8]
(Bit 8)
Modulus = 1, 2, 4, or 8
See Table 8
0 = Normal
1 = Powered Down
0 = Crystal Oscillator
1 = REF Pin
2048
1024
512
256
BYTE 0
REFDIV[7]
(Bit 7)
REFDIV[6]
(Bit 6)
REFDIV[5]
(Bit 5)
REFDIV[4]
(Bit 4)
REFDIV[3]
(Bit 3)
REFDIV[2]
(Bit 2)
REFDIV[1]
(Bit 1)
REFDIV[0]
(Bit 0)
128
64
32
16
8
4
2
1
Table 4: FS7145 Register Map


Similar Part No. - FS7140-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS7140-01G-XTD ONSEMI-FS7140-01G-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTD ONSEMI-FS7140-01G-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTD ONSEMI-FS7140-01G-XTD Datasheet
300Kb / 17P
Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
FS7140-01G-XTP ONSEMI-FS7140-01G-XTP Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTP ONSEMI-FS7140-01G-XTP Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
More results

Similar Description - FS7140-01

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
logo
Mini-Circuits
AZ12010 MINI-AZ12010 Datasheet
257Kb / 9P
Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
Phase-Locked Loop Clock Generator
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
logo
ON Semiconductor
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com