Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS7140-01 Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # FS7140-01
Description  Programmable Phase-Locked Loop Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

FS7140-01 Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  FS7140-01 Datasheet HTML 1Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 2Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 3Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 4Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 5Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 6Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 7Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 8Page - AMI SEMICONDUCTOR FS7140-01 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
AMI Semiconductor - Rev. 3.0
www.amis.com
FS7140-01 / FS7140-01g / FS7145 Programmable Phase-Locked Loop Clock Generator Data Sheet
Table 1: FS7140 Pin Descriptions
Pin
Type
Name
Description
1
DI
SCL
Serial Interface Clock (requires an external pull-up)
2
DIO
SDA
Serial Interface Data Input/Output (requires an external pull-up)
3
DID
ADDR0
Address Select Bit "0"
4
P
VSS
Ground
5
AI
XIN
Crystal Oscillator Feedback
6
AO
XOUT
Crystal Oscillator Drive
7
DID
ADDR1
Address Select Bit "1"
8
P
VDD
Power Supply (+3.3V nominal)
9
AI
IPRG
PECL Current Drive Programming
10
-
n/c
No Connection
11
P
VSS
Ground
12
DIU
REF
Reference Frequency Input
13
-
n/c
No Connection
14
P
VDD
Power Supply (+3.3V nominal)
15
DO
CLKP
Clock Output
16
DO
CLKN
Inverted Clock Output
Key: AI = Analog Input; AO = Analog Output; DI = Digital Input; DIU = Input with Internal Pull-Up; DID = Input with Internal Pull-Down; DIO = Digital Input/Output;
DI-3 = Three-Level Digital Input, DO = Digital Output; P = Power/Ground; # = Active Low pin
Table 2: FS7145 Pin Descriptions
Pin
Type
Name
Description
1
DI
SCL
Serial Interface Clock (requires an external pull-up)
2
DIO
SDA
Serial Interface Data Input/Output (requires an external pull-up)
3
DID
ADDR0
Address Select Bit "0"
4
P
VSS
Ground
5
AI
XIN
Crystal Oscillator Feedback
6
AO
XOUT
Crystal Oscillator Drive
7
DID
ADDR1
Address Select Bit "1"
8
P
VDD
Power Supply (+3.3V nominal)
9
AI
IPRG
PECL Current Drive Programming
10
-
n/c
No Connection
11
P
VSS
Ground
12
DIU
REF
Reference Frequency Input
13
DIU
SYNC
Synchronization Input
14
P
VDD
Power Supply (+3.3V nominal)
15
DO
CLKP
Clock Output
16
DO
CLKN
Inverted Clock Output
Key: AI = Analog Input; AO = Analog Output; DI = Digital Input; DIU = Input with Internal Pull-Up; DID = Input with Internal Pull-Down; DIO = Digital Input/Output;
DI-3 = Three-Level Digital Input, DO = Digital Output; P = Power/Ground; # = Active Low pin


Similar Part No. - FS7140-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS7140-01G-XTD ONSEMI-FS7140-01G-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTD ONSEMI-FS7140-01G-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTD ONSEMI-FS7140-01G-XTD Datasheet
300Kb / 17P
Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
FS7140-01G-XTP ONSEMI-FS7140-01G-XTP Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTP ONSEMI-FS7140-01G-XTP Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
More results

Similar Description - FS7140-01

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
logo
Mini-Circuits
AZ12010 MINI-AZ12010 Datasheet
257Kb / 9P
Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
Phase-Locked Loop Clock Generator
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
logo
ON Semiconductor
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com