Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2207-14 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2207-14
Description  14-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2207-14 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2207-14 Datasheet HTML 24Page - Linear Technology LTC2207-14 Datasheet HTML 25Page - Linear Technology LTC2207-14 Datasheet HTML 26Page - Linear Technology LTC2207-14 Datasheet HTML 27Page - Linear Technology LTC2207-14 Datasheet HTML 28Page - Linear Technology LTC2207-14 Datasheet HTML 29Page - Linear Technology LTC2207-14 Datasheet HTML 30Page - Linear Technology LTC2207-14 Datasheet HTML 31Page - Linear Technology LTC2207-14 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC2207-14/LTC2206-14
32
220714614fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0507 REV A • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1747
12-Bit, 80Msps ADC
72dB SNR, 87dB SFDR, 48-Pin TSSOP Package
LTC1748
14-Bit, 80Msps, 5V ADC
76.3dB SNR, 90dB SFDR, 48-Pin TSSOP Package
LTC1749
12-Bit, 80Msps Wideband ADC
Up to 500MHz IF Undersampling, 87dB SFDR
LTC1750
14-Bit, 80Msps, 5V Wideband ADC
Up to 500MHz IF Undersampling, 90dB SFDR
LTC1993-2
High Speed Differential Op Amp
800MHz BW, 70dBc Distortion at 70MHz, 6dB Gain
LTC1994
Low Noise, Low Distortion Fully Differential
Input/Output Amplifier/Driver
Low Distortion: –94dBc at 1MHz
LTC2202
16-Bit, 10Msps, 3.3V ADC, Lowest Noise
140mW, 81.6dB SNR, 100dB SFDR, 48-Pin QFN
LTC2203
16-Bit, 25Msps, 3.3V ADC, Lowest Noise
220mW, 81.6dB SNR, 100dB SFDR, 48-Pin QFN
LTC2204
16-Bit, 40Msps, 3.3V ADC
480mW, 79dB SNR, 100dB SFDR, 48-Pin QFN
LTC2205
16-Bit, 65Msps, 3.3V ADC
590mW, 79dB SNR, 100dB SFDR, 48-Pin QFN
LTC2206
16-Bit, 80Msps, 3.3V ADC
725mW, 77.9dB SNR, 100dB SFDR, 48-Pin QFN
LTC2207
16-Bit, 105Msps, 3.3V ADC
900mW, 77.9dB SNR, 100dB SFDR, 48-Pin QFN
LTC2208
16-Bit, 130Msps, 3.3V ADC, LVDS Outputs
1250mW, 77.7dB SNR, 100dB SFDR, 64-Pin QFN
LTC2220
12-Bit, 170Msps ADC
890mW, 67.5dB SNR, 9mm
× 9mm QFN Package
LTC2220-1
12-Bit, 185Msps, 3.3V ADC, LVDS Outputs
910mW, 67.7dB SNR, 80dB SFDR, 64-Pin QFN
LTC2224
12-Bit, 135Msps, 3.3V ADC, High IF Sampling
630mW, 67.6dB SNR, 84dB SFDR, 48-Pin QFN
LTC2249
14-Bit, 80Msps ADC
230mW, 73dB SNR, 5mm
× 5mm QFN Package
LTC2250
10-Bit, 105Msps ADC
320mW, 61.6dB SNR, 5mm
× 5mm QFN Package
LTC2251
10-Bit, 125Msps ADC
395mW, 61.6dB SNR, 5mm
× 5mm QFN Package
LTC2252
12-Bit, 105Msps ADC
320mW, 70.2dB SNR, 5mm
× 5mm QFN Package
LTC2253
12-Bit, 125Msps ADC
395mW, 70.2dB SNR, 5mm
× 5mm QFN Package
LTC2254
14-Bit, 105Msps ADC
320mW, 72.5dB SNR, 5mm
× 5mm QFN Package
LTC2255
14-Bit, 125Msps, 3V ADC, Lowest Power
395mW, 72.5dB SNR, 88dB SFDR, 32-Pin QFN
LTC2284
14-Bit, Dual, 105Msps, 3V ADC, Low Crosstalk
540mW, 72.4dB SNR, 88dB SFDR, 64-Pin QFN
LTC2299
Dual 14-Bit, 80Msps ADC
230mW, 71.6dB SNR, 5mm x 5mm QFN Package
LTC5512
DC-3GHz High Signal Level
Downconverting Mixer
DC to 3GHz, 21dBm IIP3, Integrated LO Buffer
LTC5514
Ultralow Distortion IF Amplifier/ADC Driver with
Digitally Controlled Gain
450 MHz to 1dB BW, 47dB OIP3,
Digital Gain Control 10.5dB to 33dB in 1.5dB/Step
LTC5515
1.5 GHz to 2.5GHz Direct Conversion Quadrature
Demodulator
High IIP3: 20dBm at 1.9GHz, Integrated LO Quadrature Generator
LTC5516
800MHz to 1.5GHz Direct Conversion
Quadrature Demodulator
High IIP3: 21.5dBm at 900MHz, Integrated LO Quadrature Generator
LTC5517
40MHz to 900MHz Direct Conversion
Quadrature Demodulator
High IIP3: 21dBm at 800MHz, Integrated LO Quadrature Generator
LTC5522
600MHz to 2.7GHz High Linearity
Downconverting Mixer
4.5V to 5.25V Supply, 25dBm IIP3 at 900MHz,
NF = 12.5dB, 50
Ω Single-Ended RF and LO Ports
RELATED PARTS


Similar Part No. - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2222 LINER-LTC2222 Datasheet
832Kb / 28P
12-Bit,105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
10-Bit,105Msps/80Msps ADCs
LTC2206 LINER-LTC2206_15 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com