Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2207-14 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC2207-14
Description  14-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2207-14 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC2207-14 Datasheet HTML 24Page - Linear Technology LTC2207-14 Datasheet HTML 25Page - Linear Technology LTC2207-14 Datasheet HTML 26Page - Linear Technology LTC2207-14 Datasheet HTML 27Page - Linear Technology LTC2207-14 Datasheet HTML 28Page - Linear Technology LTC2207-14 Datasheet HTML 29Page - Linear Technology LTC2207-14 Datasheet HTML 30Page - Linear Technology LTC2207-14 Datasheet HTML 31Page - Linear Technology LTC2207-14 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTC2207-14/LTC2206-14
29
220714614fa
Ordering Guide:
DEMO BOARD NUMBER
PART NUMBER
RESOLUTION
SPEED
INPUT FREQUENCY
USB I/F BOARD
DC918C-A
LTC2207CUK
16-Bit
105Msps
1MHz to 70MHz
DC718
DC918C-B
LTC2207CUK
16-Bit
105Msps
70MHz to 140MHz
DC718
DC918C-C
LTC2206CUK
16-Bit
80Msps
1MHz to 70MHz
DC718
DC918C-D
LTC2206CUK
16-Bit
80Msps
70MHz to 140MHz
DC718
DC918C-E
LTC2205CUK
16-Bit
65Msps
1MHz to 70MHz
DC718
DC918C-F
LTC2205CUK
16-Bit
65Msps
70MHz to 140MHz
DC718
DC918C-G
LTC2204CUK
16-Bit
40Msps
1MHz to 70MHz
DC718
DC918C-H
LTC2207CUK-14
14-Bit
105Msps
1MHz to 70MHz
DC718
DC918C-I
LTC2207CUK-14
14-Bit
105Msps
70MHz to 140MHz
DC718
DC918C-J
LTC2206CUK-14
14-Bit
80Msps
1MHz to 70MHz
DC718
DC918C-K
LTC2206CUK-14
14-Bit
80Msps
70MHz to 140MHz
DC718
DC918C-L
LTC2205CUK-14
14-Bit
65Msps
1MHz to 70MHz
DC718
See Web site for ordering details or contact local sales.
APPLICATIONS INFORMATION
3.3V
NOT PROVIDED
BY DC718
CLOCK OUT
DITHER
SHUTDOWN
LSB ENABLE
MSB
CLOCK POLARITY
0V
PGA
SENSE
ANALOG INPUT
(50
Ω)
ENC CLOCK INPUT
(50
Ω)
22076 DC918C
JUMPERS ARE SHOWN
IN DEFAULT POSITIONS
RANDOMIZER
(REQUIRES CHANGE IN
SELECTED DEVICE IN PSCOPE)
DIGITAL OUTPUTS TO
DC718 (2.5V CMOS)


Similar Part No. - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2222 LINER-LTC2222 Datasheet
832Kb / 28P
12-Bit,105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
10-Bit,105Msps/80Msps ADCs
LTC2206 LINER-LTC2206_15 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com