Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2207-14 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2207-14
Description  14-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2207-14 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2207-14 Datasheet HTML 19Page - Linear Technology LTC2207-14 Datasheet HTML 20Page - Linear Technology LTC2207-14 Datasheet HTML 21Page - Linear Technology LTC2207-14 Datasheet HTML 22Page - Linear Technology LTC2207-14 Datasheet HTML 23Page - Linear Technology LTC2207-14 Datasheet HTML 24Page - Linear Technology LTC2207-14 Datasheet HTML 25Page - Linear Technology LTC2207-14 Datasheet HTML 26Page - Linear Technology LTC2207-14 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC2207-14/LTC2206-14
23
220714614fa
The output should be buffered with a device such as a
ALVCH16373 CMOS latch. For full speed operation the
capacitive load should be kept under 10pF. A resistor in
series with the output may be used but is not required since
the output buffer has a series resistor of 33
Ω on chip.
Lower OVDD voltages will also help reduce interference
from the digital outputs.
Data Format
The LTC2207-14/LTC2206-14 parallel digital output can
be selected for offset binary or 2’s complement format.
The format is selected with the MODE pin. This pin has a
four level logic input, centered at 0, 1/3VDD, 2/3VDD and
VDD. An external resistor divider can be used to set the
1/3VDD and 2/3VDD logic levels. Table 1 shows the logic
states for the MODE pin.
Table 1. MODE Pin Function
MODE
Output Format
Clock Duty Cycle Stabilizer
0(GND)
Offset Binary
Off
1/3VDD
Offset Binary
On
2/3VDD
2’s Complement
On
VDD
2’s Complement
Off
Overflow Bit
An overflow output bit (OF) indicates when the converter
is over-ranged or under-ranged. A logic high on the OF
pin indicates an overflow or underflow.
Output Clock
The ADC has a delayed version of the encode input available
as a digital output. Both a noninverted version, CLKOUT+
and an inverted version CLKOUT– are provided. The
CLKOUT+/CLKOUT– can be used to synchronize the con-
verter data to the digital system. This is necessary when
using a sinusoidal encode. Data can be latched on the
rising edge of CLKOUT+ or the falling edge of CLKOUT–.
CLKOUT+ falls and CLKOUT– rises as the data outputs
are updated.
Digital Output Randomizer
Interference from the ADC digital outputs is sometimes
unavoidable. Interference from the digital outputs may be
from capacitive or inductive coupling or coupling through
the ground plane. Even a tiny coupling factor can result in
discernible unwanted tones in the ADC output spectrum.
By randomizing the digital output before it is transmitted
off chip, these unwanted tones can be randomized, trading
a slight increase in the noise floor for a large reduction in
unwanted tone amplitude.
The digital output is “Randomized” by applying an exclu-
sive-OR logic operation between the LSB and all other data
output bits. To decode, the reverse operation is applied;
that is, an exclusive-OR operation is applied between the
LSB and all other bits. The LSB, OF and CLKOUT outputs
are not affected. The output Randomizer function is active
when the RAND pin is high.
Figure 12. Functional Equivalent of Digital Output Randomizer
CLKOUT+
OF
D13/D0
D12/D0
D2/D0
D1/D0
D0
D0
D1
RAND = HIGH,
SCRAMBLE
ENABLED
D2
D12
D13
OF
LTC2207-14/LTC2206-14
CLKOUT
RAND
22076 F12
APPLICATIONS INFORMATION


Similar Part No. - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2222 LINER-LTC2222 Datasheet
832Kb / 28P
12-Bit,105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
10-Bit,105Msps/80Msps ADCs
LTC2206 LINER-LTC2206_15 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com