Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2207-14 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2207-14
Description  14-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2207-14 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2207-14 Datasheet HTML 14Page - Linear Technology LTC2207-14 Datasheet HTML 15Page - Linear Technology LTC2207-14 Datasheet HTML 16Page - Linear Technology LTC2207-14 Datasheet HTML 17Page - Linear Technology LTC2207-14 Datasheet HTML 18Page - Linear Technology LTC2207-14 Datasheet HTML 19Page - Linear Technology LTC2207-14 Datasheet HTML 20Page - Linear Technology LTC2207-14 Datasheet HTML 21Page - Linear Technology LTC2207-14 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC2207-14/LTC2206-14
18
220714614fa
INPUT DRIVE CIRCUITS
Input Filtering
A first order RC lowpass filter at the input of the ADC can
serve two functions: limit the noise from input circuitry and
provide isolation from ADC S/H switching. The LTC2207-
14/LTC2206-14 have a very broadband S/H circuit, DC to
700MHz; it can be used in a wide range of applications;
therefore, it is not possible to provide a single recom-
mended RC filter.
Figures 3, 4a and 4b show three examples of input RC
filtering at three ranges of input frequencies. In general
it is desirable to make the capacitors as large as can be
tolerated–this will help suppress random noise as well
as noise coupled from the digital circuitry. The LTC2207-
14/LTC2206-14 do not require any input filter to achieve
data sheet specifications; however, no filtering will put
more stringent noise requirements on the input drive
circuitry.
Transformer Coupled Circuits
Figure 3 shows the LTC2207-14/LTC2206-14 being driven
by an RF transformer with a center-tapped secondary. The
secondary center tap is DC biased with VCM, setting the
ADC input signal at its optimum DC level. Figure 3 shows
a 1:1 turns ratio transformer. Other turns ratios can be
used; however, as the turns ratio increases so does the
impedance seen by the ADC. Source impedance greater
than 50
Ω can reduce the input bandwidth and increase
high frequency distortion. A disadvantage of using a
transformer is the loss of low frequency response. Most
small RF transformers have poor performance at frequen-
cies below 1MHz.
Center-tapped transformers provide a convenient means
of DC biasing the secondary; however, they often show
poor balance at high input frequencies, resulting in large
2nd order harmonics.
Figure 4a shows transformer coupling using a transmis-
sion line balun transformer. This type of transformer has
much better high frequency response and balance than
flux coupled center tap transformers. Coupling capacitors
are added at the ground and input primary terminals to
allow the secondary terminals to be biased at 1.25V. Figure
4b shows the same circuit with components suitable for
higher input frequencies.
APPLICATIONS INFORMATION


Similar Part No. - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2222 LINER-LTC2222 Datasheet
832Kb / 28P
12-Bit,105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
10-Bit,105Msps/80Msps ADCs
LTC2206 LINER-LTC2206_15 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com