Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2207-14 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2207-14
Description  14-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2207-14 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2207-14 Datasheet HTML 12Page - Linear Technology LTC2207-14 Datasheet HTML 13Page - Linear Technology LTC2207-14 Datasheet HTML 14Page - Linear Technology LTC2207-14 Datasheet HTML 15Page - Linear Technology LTC2207-14 Datasheet HTML 16Page - Linear Technology LTC2207-14 Datasheet HTML 17Page - Linear Technology LTC2207-14 Datasheet HTML 18Page - Linear Technology LTC2207-14 Datasheet HTML 19Page - Linear Technology LTC2207-14 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTC2207-14/LTC2206-14
16
220714614fa
CONVERTER OPERATION
The LTC2207-14/LTC2206-14 are CMOS pipelined
multistep converters with a front-end PGA. As
shown in Figure 1, the converter has five pipelined
ADC stages; a sampled analog input will result in
a digitized value seven clock cycles later (see the
Timing Diagram section). The analog input is differential for
improved common mode noise immunity and to maximize
the input range. Additionally, the differential input drive
will reduce even order harmonics of the sample and hold
circuit. The encode input is also differential for improved
common mode noise immunity.
The LTC2207-14/LTC2206-14 have two phases of
operation, determined by the state of the differential
ENC+/ENCinput pins. For brevity, the text will refer to
ENC+ greater than ENCas ENC high and ENC+ less than
ENCas ENC low.
Each pipelined stage shown in Figure 1 contains an ADC,
a reconstruction DAC and an interstage amplifier. In
operation, the ADC quantizes the input to the stage and
the quantized value is subtracted from the input by the
DAC to produce a residue. The residue is amplified and
output by the residue amplifier. Successive stages oper-
ate out of phase so that when odd stages are outputting
their residue, the even stages are acquiring that residue
and vice versa.
When ENC is low, the analog input is sampled differen-
tially directly onto the input sample-and-hold capacitors,
inside the “input S/H” shown in the block diagram. At the
instant that ENC transitions from low to high, the voltage
on the sample capacitors is held. While ENC is high, the
held input voltage is buffered by the S/H amplifier which
drives the first pipelined ADC stage. The first stage acquires
the output of the S/H amplifier during the high phase of
ENC. When ENC goes back low, the first stage produces
its residue which is acquired by the second stage. At the
same time, the input S/H goes back to acquiring the analog
input. When ENC goes high, the second stage produces
its residue which is acquired by the third stage. An iden-
tical process is repeated for the third and fourth stages,
resulting in a fourth stage residue that is sent to the fifth
stage for final evaluation.
Each ADC stage following the first has additional range to
accommodate flash and amplifier offset errors. Results
from all of the ADC stages are digitally delayed such that
the results can be properly combined in the correction
logic before being sent to the output buffer.
OPERATION
(fa + 2fb), (2fa – fb) and (fa – 2fb). The 3rd order IMD is
defined as the ratio of the RMS value of either input tone
to the RMS value of the largest 3rd order IMD product.
Spurious Free Dynamic Range (SFDR)
The ratio of the RMS input signal amplitude to the RMS
value of the peak spurious spectral component expressed
in dBc. SFDR may also be calculated relative to full scale
and expressed in dBFS.
Full Power Bandwidth
The Full Power bandwidth is that input frequency at which
the amplitude of the reconstructed fundamental is reduced
by 3dB for a full scale input signal.
Aperture Delay Time
The time from when a rising ENC+ equals the ENCvoltage
to the instant that the input signal is held by the sample-
and-hold circuit.
Aperture Delay Jitter
The variation in the aperture delay time from conversion
to conversion. This random variation will result in noise
when sampling an AC input. The signal to noise ratio due
to the jitter alone will be:
SNRJITTER = –20log (2
π • f
IN • tJITTER)
APPLICATIONS INFORMATION


Similar Part No. - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2222 LINER-LTC2222 Datasheet
832Kb / 28P
12-Bit,105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
10-Bit,105Msps/80Msps ADCs
LTC2206 LINER-LTC2206_15 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com