Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2207-14 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2207-14
Description  14-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2207-14 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2207-14 Datasheet HTML 10Page - Linear Technology LTC2207-14 Datasheet HTML 11Page - Linear Technology LTC2207-14 Datasheet HTML 12Page - Linear Technology LTC2207-14 Datasheet HTML 13Page - Linear Technology LTC2207-14 Datasheet HTML 14Page - Linear Technology LTC2207-14 Datasheet HTML 15Page - Linear Technology LTC2207-14 Datasheet HTML 16Page - Linear Technology LTC2207-14 Datasheet HTML 17Page - Linear Technology LTC2207-14 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC2207-14/LTC2206-14
14
220714614fa
SENSE (Pin 1): Reference Mode Select and External
Reference Input. Tie SENSE to VDD to select the internal
2.5V bandgap reference. An external reference of 2.5V or
1.25V may be used; both reference values will set a full
scale ADC range of 2.25V (PGA = 0).
VCM(Pin2):1.25VOutput.Optimumvoltageforinputcom-
mon mode. Must be bypassed to ground with a minimum
of 2.2µF. Ceramic chip capacitors are recommended.
VDD (Pins 3, 4, 12, 13, 14): 3.3V Analog Supply Pin.
Bypass to GND with 0.1µF ceramic chip capacitors.
GND (Pins 5, 8, 11, 15, 48): ADC Power Ground.
AIN
+ (Pin 6): Positive Differential Analog Input.
AIN
(Pin 7): Negative Differential Analog Input.
ENC+ (Pin 9): Positive Differential Encode Input. The
sampled analog input is held on the rising edge of ENC+.
Internally biased to 1.6V through a 6.2k
Ω resistor. Output
data can be latched on the rising edge of ENC+.
ENC(Pin 10): Negative Differential Encode Input. The
sampled analog input is held on the falling edge of ENC.
Internally biased to 1.6V through a 6.2k
Ω resistor. By-
pass to ground with a 0.1µF capacitor for a single-ended
Encode signal.
SHDN (Pin 16): Power Shutdown Pin. SHDN = low results
in normal operation. SHDN = high results in powered
down analog circuitry and the digital outputs are placed
in a high impedance state.
DITH (Pin 17): Internal Dither Enable Pin. DITH = low
disables internal dither. DITH = high enables internal
dither. Refer to Internal Dither section of this data sheet
for details on dither operation.
NC (Pins 18, 19): No Connect.
D0-D13 (Pins 20-22, 26-28, 32-35 and 39-42): Digital
Outputs. D13 is the MSB.
OGND (Pins 23, 31 and 38): Output Driver Ground.
OVDD (Pins 24, 25, 36, 37): Positive Supply for the Output
Drivers. Bypass to ground with 0.1µF capacitor.
CLKOUT(Pin 29): Data Valid Output. CLKOUTwill toggle
at the sample rate. Latch the data on the falling edge of
CLKOUT.
CLKOUT+ (Pin 30): Inverted Data Valid Output. CLKOUT+
will toggle at the sample rate. Latch the data on the rising
edge of CLKOUT+.
OF (Pin 43): Over/Under Flow Digital Output. OF is high
when an over or under flow has occurred.
⎯⎯O⎯E (Pin 44): Output Enable Pin. Low enables the digital
output drivers. High puts digital outputs in Hi-Z state.
MODE (Pin 45): Output Format and Clock Duty Cycle
Stabilizer Selection Pin. Connecting MODE to 0V selects
offset binary output format and disables the clock duty
cycle stabilizer. Connecting MODE to 1/3VDD selects offset
binary output format and enables the clock duty cycle sta-
bilizer. Connecting MODE to 2/3VDDselects2’scomplement
output format and enables the clock duty cycle stabilizer.
Connecting MODE to VDD selects 2’s complement output
format and disables the clock duty cycle stabilizer.
RAND (Pin 46): Digital Output Randomization Selection
Pin. RAND low results in normal operation. RAND high
selects D1-D13 to be EXCLUSIVE-ORed with D0 (the
LSB). The output can be decoded by again applying an
XOR operation between the LSB and all other bits. This
mode of operation reduces the effects of digital output
interference.
PGA(Pin47):ProgrammableGainAmplifierControlPin.Low
selects a front-end gain of 1, input range of 2.25VP-P. High
selects a front-end gain of 1.5, input range of 1.5VP-P.
GND (Exposed Pad, Pin 49): ADC Power Ground. The ex-
posed pad on the bottom of the package must be soldered
to ground.
PIN FUNCTIONS


Similar Part No. - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2222 LINER-LTC2222 Datasheet
832Kb / 28P
12-Bit,105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
10-Bit,105Msps/80Msps ADCs
LTC2206 LINER-LTC2206_15 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com