Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2207-14 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2207-14
Description  14-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2207-14 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2207-14 Datasheet HTML 8Page - Linear Technology LTC2207-14 Datasheet HTML 9Page - Linear Technology LTC2207-14 Datasheet HTML 10Page - Linear Technology LTC2207-14 Datasheet HTML 11Page - Linear Technology LTC2207-14 Datasheet HTML 12Page - Linear Technology LTC2207-14 Datasheet HTML 13Page - Linear Technology LTC2207-14 Datasheet HTML 14Page - Linear Technology LTC2207-14 Datasheet HTML 15Page - Linear Technology LTC2207-14 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTC2207-14/LTC2206-14
12
220714614fa
SAMPLE RATE (Msps)
10
280
300
340
70
110
22076 G54
260
240
30
50
90
130
150
220
200
320
VDD = 3.47V
VDD = 3.13V
VDD = 3.3V
SUPPLY VOLTAGE (V)
2.8
85
90
95
3.0
3.4
22076 G53
80
75
70
3.2
100
105
110
3.6
SFDR
SNR
SAMPLE RATE (Msps)
10
85
90
95
85
135
22076 G52
80
75
70
35
60
110
100
105
110
160
SFDR
SNR
INPUT FREQUENCY (MHz)
0
60
65
75
80
85
400
105
22076 G50
70
200
100
300
500
90
95
100
PGA = 1
PGA = 0
INPUT LEVEL (dBFS)
–80 –70
80
100
120
–40
–20
22076 G48
60
40
–60 –50
–30
–10
0
20
0
FREQUENCY (MHz)
0
–70
–30
0
22076 G47
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
10
20
30
40
FREQUENCY (MHz)
0
–70
–30
0
22076 G46
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
10
20
30
40
LTC2206-14: 32K Point FFT, fIN
= 170.21MHz, –1dBFS, PGA = 1,
RAND = “On”, Dither “Off”
LTC2206-14: 32K Point FFT, fIN
= 250.11MHz, –1dBFS, PGA = 1,
RAND = “On”, Dither “Off”
LTC2206-14: SFDR vs Input Level,
fIN = 140.1MHz, PGA = 1,
RAND = “On”, Dither “Off”
LTC2206-14: SFDR vs Input Level,
fIN = 140.1MHz, PGA = 1,
RAND = “On”, Dither “On”
LTC2206-14: SFDR (HD2 and
HD3) vs Input Frequency
LTC2206-14: SNR vs Input
Frequency, RAND = “On”,
DITH = “On”
LTC2206-14: SNR and SFDR
vs Sample Rate, fIN = 5.1MHz,
–1dBFS
LTC2206-14: SNR and SFDR vs
Supply Voltage (VDD),
fIN = 5.1MHz, –1dBFS
LTC2206-14: IVDD vs Sample
Rate, fIN = 5.1MHz, –1dBFS
INPUT LEVEL (dBFS)
–80 –70
80
100
120
–40
–20
22076 G49
60
40
–60 –50
–30
–10
0
20
0
INPUT FREQUENCY (MHz)
0
70
71
73
74
75
200
400
500
79
22076 G51
72
100
300
76
77
78
PGA = 0
PGA = 1
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2222 LINER-LTC2222 Datasheet
832Kb / 28P
12-Bit,105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
10-Bit,105Msps/80Msps ADCs
LTC2206 LINER-LTC2206_15 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com