Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2207-14 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2207-14
Description  14-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2207-14 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2207-14 Datasheet HTML 6Page - Linear Technology LTC2207-14 Datasheet HTML 7Page - Linear Technology LTC2207-14 Datasheet HTML 8Page - Linear Technology LTC2207-14 Datasheet HTML 9Page - Linear Technology LTC2207-14 Datasheet HTML 10Page - Linear Technology LTC2207-14 Datasheet HTML 11Page - Linear Technology LTC2207-14 Datasheet HTML 12Page - Linear Technology LTC2207-14 Datasheet HTML 13Page - Linear Technology LTC2207-14 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC2207-14/LTC2206-14
10
220714614fa
INPUT LEVEL (dBFS)
–80 –70
80
100
120
–40
–20
22076 G36
60
40
–60 –50
–30
–10
0
20
0
FREQUENCY (MHz)
0
–70
–30
0
22076 G35
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
10
20
30
40
INPUT COMMON MODE (V)
0.5
80
90
2.5
22076 G28
70
60
1.0
1.5
2.0
110
100
SFDR
SFR
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192 10240
22076 G29
–0.6
0.6
0.8
0.2
2048
6144
1228814336 16384
OUTPUT CODE
0
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
4096
8192 10240
22076 G30
–0.3
0.3
0.4
0.1
2048
6144
1228814336 16384
OUTPUT CODE
8181
150000
200000
250000
8189
22076 G31
100000
50000
0
8183
8185
8187
8191
FREQUENCY (MHz)
0
–70
–30
0
22076 G32
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
10
20
30
40
FREQUENCY (MHz)
0
–70
–30
0
22076 G33
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
10
20
30
40
FREQUENCY (MHz)
0
–70
–30
0
22076 G34
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
10
20
30
40
LTC2207-14: SNR and SFDR vs
Analog Input Common Mode
Voltage, fIN = 5.1MHz, –1dBFS
LTC2206-14: Integral Nonlinearity
(INL) vs Output Code
LTC2206-14: Differential
Nonlinearity (DNL) vs
Output Code
LTC2206-14: AC Grounded Input
Histogram
LTC2206-14: 32K Point FFT,
fIN = 5.23MHz, –1dBFS, PGA = 0,
RAND = “On”, Dither “Off”
LTC2206-14: 32K Point FFT, fIN
= 14.86MHz, –1dBFS, PGA = 0,
RAND = “On”, Dither “Off”
LTC2206-14: 64K Point FFT, fIN
= 15.1MHz, –25dBFS, PGA = 0,
RAND = “On”, Dither “Off”
LTC2206-14: 64K Point FFT, fIN
= 15.1MHz, –25dBFS, PGA = 0,
RAND = “On”, Dither “On”
LTC2206-14: SFDR vs Input Level,
fIN = 15.1MHz, PGA = 0,
RAND = “On”, Dither “Off”
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
LTC2206 LINER-LTC2206_15 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
10-Bit,105Msps/80Msps ADCs
LTC2222 LINER-LTC2222 Datasheet
832Kb / 28P
12-Bit,105Msps/80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com