Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2207-14 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2207-14
Description  14-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2207-14 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2207-14 Datasheet HTML 5Page - Linear Technology LTC2207-14 Datasheet HTML 6Page - Linear Technology LTC2207-14 Datasheet HTML 7Page - Linear Technology LTC2207-14 Datasheet HTML 8Page - Linear Technology LTC2207-14 Datasheet HTML 9Page - Linear Technology LTC2207-14 Datasheet HTML 10Page - Linear Technology LTC2207-14 Datasheet HTML 11Page - Linear Technology LTC2207-14 Datasheet HTML 12Page - Linear Technology LTC2207-14 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC2207-14/LTC2206-14
9
220714614fa
INPUT FREQUENCY (MHz)
0
60
65
75
80
85
200
400
500
105
22076 G22
70
100
300
90
95
100
PGA = 1
PGA = 0
SUPPLY VOLTAGE (V)
2.8
90
95
100
3.6
22076 G25
85
80
70
3.0
3.2
3.4
75
110
105
SFDR
SNR
INPUT FREQUENCY (MHz)
0
73
74
75
300
500
22076 G23
72
71
70
100
200
400
76
77
78
PGA = 1
PGA = 0
SAMPLE RATE (Msps)
0
90
100
200
22076 G24
80
70
50
100
150
25
75
125
175
110
85
95
75
105
SFDR
SNR
FREQUENCY (MHz)
0
–70
–30
0
40
22076 G19
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
10
20
30
50
INPUT LEVEL (dBFS)
–80
0
20
40
60
80
–60
–40
–20
0
22076 G20
100
120
–70
–50
–30
–10
INPUT LEVEL (dBFS)
–80
0
20
40
60
80
–60
–40
–20
0
22076 G21
100
120
–70
–50
–30
–10
DUTY CYCLE (%)
30
80
90
70
22076 G27
70
60
40
50
60
110
100
SFDR DCS OFF
SFDR DCS ON
SNR DCS ON
SNR DCS OFF
SAMPLE RATE (Msps)
10
280
300
340
70
110
22076 G26
260
240
30
50
90
130
150
220
200
320
VDD = 3.47V
VDD = 3.13V
VDD = 3.3V
LTC2207-14: 32K Point FFT,
fIN = 250.11MHz, –1dBFS,
PGA = 1, RAND “On”, Dither “Off’
LTC2207-14: SFDR vs Input
Level, fIN = 140.1MHz, PGA = 1,
RAND “On”, Dither “Off”
LTC2207-14: SFDR vs Input
Level, fIN = 140.1MHz, PGA = 1,
RAND “On”, Dither “On”
LTC2207-14: SFDR (HD2 and
HD3) vs Input Frequency
LTC2207-14: SNR vs Input
Frequency
LTC2207-14: SNR and SFDR vs
Supply Voltage (VDD),
fIN = 5.1MHz, –1dBFS
LTC2207-14: IVDD vs Sample
Rate, fIN = 5.1MHz, –1dBFS
LTC2207-14: SNR and SFDR
vs Sample Rate, fIN = 5.1MHz,
–1dBFS
LTC2207-14: SNR and SFDR vs
Duty Cycle, 105Msps
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2207-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
14-Bit, 105Msps/80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
10-Bit,105Msps/ 80Msps ADCs
LTC2206 LINER-LTC2206_15 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2206 LINER-LTC2206 Datasheet
1Mb / 32P
16-Bit, 105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
10-Bit,105Msps/80Msps ADCs
LTC2222 LINER-LTC2222 Datasheet
832Kb / 28P
12-Bit,105Msps/80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com