Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1034CH-2.5 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1034CH-2.5
Description  Micropower Dual Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1034CH-2.5 Datasheet(HTML) 4 Page - Linear Technology

  LT1034CH-2.5 Datasheet HTML 1Page - Linear Technology LT1034CH-2.5 Datasheet HTML 2Page - Linear Technology LT1034CH-2.5 Datasheet HTML 3Page - Linear Technology LT1034CH-2.5 Datasheet HTML 4Page - Linear Technology LT1034CH-2.5 Datasheet HTML 5Page - Linear Technology LT1034CH-2.5 Datasheet HTML 6Page - Linear Technology LT1034CH-2.5 Datasheet HTML 7Page - Linear Technology LT1034CH-2.5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1034-1.2/LT1034-2.5
1034fe
TYPICAL PERFORMANCE CHARACTERISTICS
0.1Hz to 10Hz Noise 1.2V
Reverse Voltage Change 7V
Reverse Voltage Change 1.2V
REVERSE CURRENT (mA)
0
2
4
6
8
0.01
1
10
100
LT1034 • TPC01
–2
0.1
TA = –55°C TO 125°C
1.2V
REVERSE CURRENT (mA)
0.1
–0.1
0.2
0.3
0.4
1
10
100
LT1034 • TPC02
0.1
0
TA = 25°C
7V
1s/DIV
0
–11
–8
–4
0
4
11
24
6
8
LT1034 • TPC03
10
12
13
5
7
911
8
–10
–6
–2
2
10
6
Reverse Dynamic Impedance 7V
Reverse Dynamic Impedance 2.5V
Reverse Dynamic Impedance 1.2V
FREQUENCY (kHz)
60
50
40
30
20
10
0
0.01
1
10
100
LT1034 • TPC05
0.1
IZ = 100µA
REVERSE CURRENT (mA)
1
10
0.01
1
10
100
LT1034 • TPC04
0.1
0.1
100
1.2V
TA = 25°C
f = 25Hz
FREQUENCY (Hz)
1
10
10
1k
10k
100k
LT1034 • TPC06
0.1
100
100
TA = 25°C
IZ = 100µA
1.2V


Similar Part No. - LT1034CH-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1034-1.2 LINER-LT1034-1.2 Datasheet
111Kb / 8P
   Micropower Dual Reference
LT1034-1.2 LINER-LT1034-1.2_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
LT1034-2.5 LINER-LT1034-2.5 Datasheet
111Kb / 8P
   Micropower Dual Reference
LT1034-2.5 LINER-LT1034-2.5_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
More results

Similar Description - LT1034CH-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1034-1.2 LINER-LT1034-1.2_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
RH1034-1 LINER-RH1034-1_15 Datasheet
82Kb / 4P
   Micropower Dual Reference
LT1034-2.5 LINER-LT1034-2.5_15 Datasheet
111Kb / 8P
   Micropower Dual Reference
RH1034-1.2 LINER-RH1034-1.2 Datasheet
103Kb / 4P
   Micropower Dual Reference
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com