Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1021DCS8-10 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1021DCS8-10
Description  Precision Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1021DCS8-10 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1021DCS8-10 Datasheet HTML 8Page - Linear Technology LT1021DCS8-10 Datasheet HTML 9Page - Linear Technology LT1021DCS8-10 Datasheet HTML 10Page - Linear Technology LT1021DCS8-10 Datasheet HTML 11Page - Linear Technology LT1021DCS8-10 Datasheet HTML 12Page - Linear Technology LT1021DCS8-10 Datasheet HTML 13Page - Linear Technology LT1021DCS8-10 Datasheet HTML 14Page - Linear Technology LT1021DCS8-10 Datasheet HTML 15Page - Linear Technology LT1021DCS8-10 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1021
1021fc
TYPICAL APPLICATIONS
Boosted Output Current
with No Current Limit
Boosted Output Current
with Current Limit
Ultraprecise Current Source
LT1021-10
OUT
IN
TRIM
GND
4.32k
VOUT = 10.24V
VIN
5k
V
= –15V*
*MUST BE WELL REGULATED
dVOUT
dV
=
15mV
V
1021 TA12
Trimming 10V Units to 10.24V
CMOS DAC with Low Drift Full-Scale Trimming**
LT1021-10
TRIM
GND
OUT
LT1236 TA15
+
1.2k
R2
40.2
1%
R1
4.99k
1%
REF
CMOS
DAC
7520, ETC
IOUT
FB
30pF
LT1007C
R4*
100
FULL-SCALE
ADJUST
R3
4.02K
1%
10V
F.S.
–15V
TC LESS THAN 200ppm/
°C
NO ZERO ADJUST REQUIRED
WITH LT1007 (V0S ≤ 60µV)
*
**
LT1021-7
OUT
IN
2
*LOW TC
3
4
7
GND
–15V
15V
TRIM
100
15V
6
6.98k*
0.1%
17.4k
1%
1021 TA07
LT1001
IOUT = 1mA
REGULATION < 1ppm/V
COMPLIANCE = –13V TO 7V
LT1021
OUT
V+
≥ (VOUT + 1.8V)
GND
IN
1021 TA05
2N2905
10V AT
100mA
2
µF
SOLID
TANT
R1
220
+
LT1021
OUT
GND
IN
1021 TA06
2N2905
10V AT
100mA
2
µF
SOLID
TANT
D1*
LED
V +
≥ VOUT + 2.8V
8.2
R1
220
*GLOWS IN CURRENT LIMIT,
DO NOT OMIT
+
Operating 5V Reference from 5V Supply
2-Pole Lowpass Filtered Reference
LT1021-5
OUT
IN
GND
1021 TA16
1N914
1N914
≈8.5V
C2*
5
µF
C1*
5
µF
5V
REFERENCE
5V LOGIC
SUPPLY
CMOS LOGIC GATE**
fIN ≥ 2kHz*
FOR HIGHER FREQUENCIES C1 AND C2 MAY BE DECREASED
PARALLEL GATES FOR HIGHER REFERENCE CURRENT LOADING
*
**
+
LT1021
OUT
IN
GND
1021 TA13
+
R1
36k
1
µF
MYLAR
0.5
µF
MYLAR
R2
36k
LT1001
VIN
VIN
VREF
–VREF
f = 10Hz
TOTAL NOISE
≤2µVRMS
1Hz
≤ f ≤10kHz


Similar Part No. - LT1021DCS8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8-10 LINER-LT1021DCS8-10 Datasheet
227Kb / 16P
   Precision Reference
LT1021DCS8-10 LINER-LT1021DCS8-10 Datasheet
218Kb / 3P
   Precision Reference?
LT1021DCS8-10 LINER-LT1021DCS8-10 Datasheet
238Kb / 16P
   Precision Reference
LT1021DCS8-10PBF LINER-LT1021DCS8-10PBF Datasheet
238Kb / 16P
   Precision Reference
More results

Similar Description - LT1021DCS8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com