Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1011AIS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1011AIS8
Description  Voltage Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1011AIS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1011AIS8 Datasheet HTML 1Page - Linear Technology LT1011AIS8 Datasheet HTML 2Page - Linear Technology LT1011AIS8 Datasheet HTML 3Page - Linear Technology LT1011AIS8 Datasheet HTML 4Page - Linear Technology LT1011AIS8 Datasheet HTML 5Page - Linear Technology LT1011AIS8 Datasheet HTML 6Page - Linear Technology LT1011AIS8 Datasheet HTML 7Page - Linear Technology LT1011AIS8 Datasheet HTML 8Page - Linear Technology LT1011AIS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1011/LT1011A
TYPICAL PERFOR A CE CHARACTERISTICS
Input Bias Current
Input Offset Current
Worst-Case Offset Error
TEMPERATURE (
°C)
–50
25
30
35
50
75
100 125 150
1011 G01
20
15
0
–25
0
25
5
10
45
40
IB FLOWS OUT
OF INPUTS
TEMPERATURE (
°C)
–50
0.5
0.6
0.7
50
75
100 125 150
1011 G01
0.4
0.3
0
–25
0
25
0.1
0.2
0.9
0.8
SOURCE RESISTANCE (
Ω)
1k
0.1
1
10
100
10k
100k
1M
1011 G03
LM311
(FOR COMPARISON)
LT1011M
LT1011C
LT1011AM
LT1011AC
Input Characteristics*
Common Mode Limits
Transfer Function (Gain)
INPUT VOLTAGE (V)
–20
–15
–10
–5
0
5
10
15
20
1011 G04
–20
–25
–40
–15 –10
–5
–35
–30
5
0
*EITHER INPUT.
REMAINING INPUT GROUNDED.
CURRENT FLOWS OUT OF INPUT.
VS = ± 15V
TEMPERATURE (
°C)
–50
– 2.0
–1.5
–1.0
50
75
100 125 150
1011 G05
0.4
0.3
V
–25
0
25
0.1
0.2
V +
– 0.5
REFERRED TO SUPPLIES
POSITIVE LIMIT
NEGATIVE LIMIT
DIFFERENTIAL INPUT VOLTAGE (mV)
– 0.5
30
40
50
0.3
1011 G06
20
10
0
– 0.3
– 0.1
0.1
0.5
TA = 25°C
COLLECTOR
OUTPUT
RL = 1k
EMITTER
OUTPUT
RL = 600Ω
Response Time—Collector Output
Response Time—Collector Output
Collector Output Saturation
Voltage
TIME (ns)
0
2
4
6
350
1011 G07
0
100mV
1
3
5
0
50 100 150
250 300
400
200
450
VS = ±15V
5mV
2mV
OVERDRIVE
20mV
INPUT = 100mV STEP
15V
5V
500
VIN
–15V
+
TIME (ns)
0
2
4
6
350
1011 G08
0
100mV
1
3
5
0
50 100 150
250 300
400
200
450
VS = ±15V
5mV
2mV
OVERDRIVE
20mV
INPUT = 100mV STEP
15V
5V
500
VIN
–15V
+
SINK CURRENT (mA)
5
0
0.6
0.8
1.0
40
1011 G09
0.4
0.3
0.2
0.5
0.7
0.9
0.1
0
10
15 20
30 35
45
25
50
PIN 1 GROUNDED
TA = 125°C
TA = – 55°C
TA = 25°C


Similar Part No. - LT1011AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1011AIS8 LINER-LT1011AIS8 Datasheet
205Kb / 16P
   Voltage Comparator
LT1011AIS8 LINER-LT1011AIS8 Datasheet
239Kb / 20P
   Pin Compatible with LM111 Series Devices
More results

Similar Description - LT1011AIS8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com