Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1011AIS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1011AIS8
Description  Voltage Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1011AIS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1011AIS8 Datasheet HTML 8Page - Linear Technology LT1011AIS8 Datasheet HTML 9Page - Linear Technology LT1011AIS8 Datasheet HTML 10Page - Linear Technology LT1011AIS8 Datasheet HTML 11Page - Linear Technology LT1011AIS8 Datasheet HTML 12Page - Linear Technology LT1011AIS8 Datasheet HTML 13Page - Linear Technology LT1011AIS8 Datasheet HTML 14Page - Linear Technology LT1011AIS8 Datasheet HTML 15Page - Linear Technology LT1011AIS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1011/LT1011A
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
H8 (TO-5) 0.230 PCD 1197
0.050
(1.270)
MAX
0.016 – 0.021**
(0.406 – 0.533)
0.010 – 0.045*
(0.254 – 1.143)
SEATING
PLANE
0.040
(1.016)
MAX
0.165 – 0.185
(4.191 – 4.699)
GAUGE
PLANE
REFERENCE
PLANE
0.500 – 0.750
(12.700 – 19.050)
0.305 – 0.335
(7.747 – 8.509)
0.335 – 0.370
(8.509 – 9.398)
DIA
LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE
AND 0.045" BELOW THE REFERENCE PLANE
FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS
0.016 – 0.024
(0.406 – 0.610)
*
**
0.230
(5.842)
TYP
0.027 – 0.045
(0.686 – 1.143)
0.028 – 0.034
(0.711 – 0.864)
0.110 – 0.160
(2.794 – 4.064)
INSULATING
STANDOFF
45
°TYP
PIN 1
SCHE ATIC DIAGRA
R1
1.3k
OFFSET
R4
300
Q5
D1 D2
R3
300
R23
4k
R17
200
R2
1.3k
R5
160
R27
3k
R8
800
R9
800
R10
4k
R11
170
R12
470
R24
400
R13
4
R6
3.2k
R7
3.2k
Q3
Q28
Q30
Q4
D5
Q1
Q2
Q8
Q9 Q19
Q20
Q10
Q11
Q7
5
OFFSET/STROBE
6
V +
8
7
1
D4
D6
Q29
Q31
Q6
INPUT
(+)
Q27
Q25
Q26
Q21
Q22
D3
R21
960
R14
4.8k
R15
700
R16
800
R18
275
R19
500
R26
1.6k
R25
1.6k
Q23
D7
2
INPUT
(–)
3
Q18
Q24
Q17
V
R20
940
R22
200
Q16
4
Q13
Q15
OUTPUT
GND
1011 SD
Q12
Q14
H Package
8-Lead TO-5 Metal Can (.230 Inch PCD)
(Reference LTC DWG # 05-08-1321)
OBSOLETE PACKAGE


Similar Part No. - LT1011AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1011AIS8 LINER-LT1011AIS8 Datasheet
205Kb / 16P
   Voltage Comparator
LT1011AIS8 LINER-LT1011AIS8 Datasheet
239Kb / 20P
   Pin Compatible with LM111 Series Devices
More results

Similar Description - LT1011AIS8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com