Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1011AIS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1011AIS8
Description  Voltage Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1011AIS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1011AIS8 Datasheet HTML 7Page - Linear Technology LT1011AIS8 Datasheet HTML 8Page - Linear Technology LT1011AIS8 Datasheet HTML 9Page - Linear Technology LT1011AIS8 Datasheet HTML 10Page - Linear Technology LT1011AIS8 Datasheet HTML 11Page - Linear Technology LT1011AIS8 Datasheet HTML 12Page - Linear Technology LT1011AIS8 Datasheet HTML 13Page - Linear Technology LT1011AIS8 Datasheet HTML 14Page - Linear Technology LT1011AIS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1011/LT1011A
TYPICAL APPLICATIONS
Combining Offset Adjust and Strobe
LT1011
6
1011 TA13
5
10k
1k
TTL OR CMOS
5V
20k
V +
Direct Strobe Drive When CMOS* Logic
Uses Same V+ Supply as LT1011
LT1011
6
*NOT APPLICABLE FOR TTL LOGIC
1011 TA14
8
V +
LT1011
5
7
1011 TA15
6
1
RL
20k
RH*
5k
V +
HYSTERESIS IS
≈0.45mV/µA OF
CURRENT CHANGE IN RH
THIS RESISTOR CAUSES HYSTERESIS
TO BE CENTERED AROUND VOS
*
**
2RH**
Combining Offset Adjustment and Hystersis
+
LT1011
2
**
3
1
4
7
8
*
**
1% METAL FILM
TRW TYPE MTR-5/120ppm/
°C, 25k ≤ RS ≤ 200k
C1: 0.015
µF = POLYSTYRENE, –120ppm/°C,
±30ppm WESCO TYPE 32-P
NOTE: COMPARATOR CONTRIBUTES
≤10ppm/°C DRIFT
FOR FREQUENCIES BELOW 10kHz
LOW DRIFT AND ACCURATE FREQUENCY ARE
OBTAINED BECAUSE THIS CONFIGURATION
REJECTS EFFECTS DUE TO INPUT OFFSET
VOLTAGE AND BIAS CURRENT OF THE
COMPARATOR
1k
10k*
10k*
1011 TA16
15V
10k*
74HC04
×6
BUFFERED
OUTPUT
15V
C1
0.015
µF
15V
Low Drift R/C Oscillator
+
LT1011
1
2
6
8
1011 TA17
OUTPUT
3
7
8
15V
3
INPUT
2k
1M**
2
4
C1*
2
µF
–15V
10k
100pF
+
LT1008
*
**
MYLAR
SELECT FOR REQUIRED RESET TIME CONSTANT
Positive Peak Detector
+
LT1011
1
2
6
8
1011 TA18
OUTPUT
3
7
8
+
15V
3
2k
1M**
2
INPUT
4
C1*
2
µF
*
**
MYLAR
SELECT FOR REQUIRED RESET TIME CONSTANT
–15V
10k
100pF
+
LT1008
Negative Peak Detector


Similar Part No. - LT1011AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1011AIS8 LINER-LT1011AIS8 Datasheet
205Kb / 16P
   Voltage Comparator
LT1011AIS8 LINER-LT1011AIS8 Datasheet
239Kb / 20P
   Pin Compatible with LM111 Series Devices
More results

Similar Description - LT1011AIS8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com