Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

354000 Datasheet(PDF) 1 Page - Littelfuse

Part # 354000
Description  Fuse Blocks and Clips
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

354000 Datasheet(HTML) 1 Page - Littelfuse

  354000 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fuse Blocks and Clips
486
www .littelfuse .com
For 3AG Fuses
3AG OMNI-BLOK
®
Molded Base Type Fuse Block
A low profile fuse block featuring individual barriers which reinforce
the fuse clips while providing greater protection against clip damage
and electrical shock. The unique design permits self-alignment of clips
to fuse cap. This, plus a one-piece clip/terminal assures low contact
resistance. Higher current ratings have been attained using spring brass
clips. With the exception of the two-pole unit, multiple pole units may be
broken apart to obtain desired number of poles.
APPROVALS: Recognized under the Components Program of
Underwriters Laboratories and Certified by CSA up to 300V and at
current ratings shown below.
Current Rating
Series
U.L.
CSA
354 000
30A
30A
354 600
20A
20A
354 800
20A
20A
354 900
30A
25A
354 101-GY
15A
15A
SPECIFICATIONS:
Dielectric Strength: 1500V., Minimum.
Clip/Terminals: Tin-Plated Spring Brass.
Base: Glass reinforced Thermoplastic. (Gray except Anti-Rotation series
which is Black). UL 94V0 flammability rating.
Ambient Temperature: – 40°C to +85°C.
ELECTRICAL SPECIFICATIONS:
Series or
Catalog Number
Terminals
Rating
354 000
Solder
30A, 300V*
354 600
3
/16" Q.C.
20A, 300V
354 800
1
/4" Q.C.
20A, 300V
354 900
1
/4" QC.
30A, 300V
354 101-GY
P.C. Board
15A, 300V
* 30 amp capability is based on temperature rise with #10 AWG wire properly soldered.
OPTION:
Two different style clips can be supplied for circuit identity or
polarization. Contact factory.
PATENTED
®
®
ORDERING INFORMATION:
Catalog Number
NEMA Style
NEMA Style
Number
Reference
Solder Type
3/16" Q.C.
1/4" Q.C.
1/4" Q.C.
of
Dimension
Terminals
Terminals
Terminals
Terminals
Poles
“A”
354 001-GY
354 601-GY
354 801-GY
354 901-GY
1
.50"
354 002-GY
354 602-GY
354 802-GY
354 902-GY
2
1.12"
354 003-GY
354 603-GY
354 803-GY
354 903-GY
3
1.75"
354 004 GY
354 604-GY
354 804 GY
354 904-GY
4
2.38"
354 005-GY
354 605-GY
354 805-GY
354 905-GY
5
3.00"
354 006-GY
354 606-GY
354 806-GY
354 906-GY
6
3.63"
354 007-GY
354 607-GY
354 807-GY
354 907-GY
7
4.25"
354 008-GY
354 608-GY
354 808-GY
354 908-GY
8
4.88"
354 009-GY
354 609-GY
354 809-GY
354 909-GY
9
5.50"
354 010-GY
354-610-GY
354 810-GY
354 910-GY
10
6.13"
354 011-GY
354 611-GY
354 811-GY
354 911-GY
11
6.75"
354 012-GY
354 612-GY
354 812-GY
354 912-GY
12
7.38"
354 021-BL*
354 621-BL*
354 821-BL*
354 921-BL*
1
.50"
354 101-GY
1
.50"
*With Anti-Rotation Boss
.55" MAX.
45
°
A
.312" REF. DIA. C BORE
.06" REF. DEEP (.10 REMAINS)
1.4"
2.19" REF.
.625"
TYP.
.25"
TYP.
.146" REF.
DIA. THRU
.08" REF.
.08" REF. DIA.
.10" DIA.
.156" DIA.
.65"
.53" REF.
.06" DIA. (2)
1.4"
1.46"
REF.
P.C. Board Type
(Single pole units only)
Anti-Rotation Boss
(Single pole units only)
Pb
RoHS


Similar Part No. - 354000

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
354000 ERNI-354000 Datasheet
71Kb / 1P
   MicroStac Steckverb., 54 polig
logo
Aries Electronics, Inc.
354000 ARIES-354000 Datasheet
564Kb / 1P
   Convenient, cost-effective means of converting DIP-to-SOIC PC board layouts
More results

Similar Description - 354000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
354001-GY LITTELFUSE-354001-GY Datasheet
703Kb / 1P
   Fuse Blocks and Clips
154062 LITTELFUSE-154062 Datasheet
153Kb / 1P
   FUSE BLOCKS AND CLIPS
01110005MR LITTELFUSE-01110005MR Datasheet
136Kb / 1P
   Fuse Blocks and Clips
01000058Z LITTELFUSE-01000058Z Datasheet
303Kb / 4P
   Fuse Blocks and Clips
3AG LITTELFUSE-3AG_1 Datasheet
661Kb / 4P
   Fuse Blocks and Clips Screw Terminal
354 LITTELFUSE-354 Datasheet
100Kb / 1P
   Fuse Blocks and Clips - For 3AG Fuses
356001 LITTELFUSE-356001 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
254 LITTELFUSE-254 Datasheet
102Kb / 1P
   Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
L60030M-1C LITTELFUSE-L60030M-1C Datasheet
122Kb / 1P
   Fuse Blocks and Clips - For 1 1/2 Long Midget Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com