Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC2692 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SCC2692
Description  Dual asynchronous receiver/transmitter DUART
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2692 Datasheet(HTML) 3 Page - NXP Semiconductors

  SCC2692 Datasheet HTML 1Page - NXP Semiconductors SCC2692 Datasheet HTML 2Page - NXP Semiconductors SCC2692 Datasheet HTML 3Page - NXP Semiconductors SCC2692 Datasheet HTML 4Page - NXP Semiconductors SCC2692 Datasheet HTML 5Page - NXP Semiconductors SCC2692 Datasheet HTML 6Page - NXP Semiconductors SCC2692 Datasheet HTML 7Page - NXP Semiconductors SCC2692 Datasheet HTML 8Page - NXP Semiconductors SCC2692 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Philips Semiconductors
Product specification
SCC2692
Dual asynchronous receiver/transmitter (DUART)
1998 Sep 04
3
PIN/FUNCTION
PIN/FUNCTION
1NC
23 NC
2
A0
24 INTRN
3
IP3
25 D6
4A1
26 D4
5
IP1
27 D2
6A2
28 D0
7
A3
29 OP6
8
IP0
30 OP4
9
WRN
31 OP2
10 RDN
32 OP0
11
RXDB
33 TXDA
12 NC
34 NC
13 TXDB
35 RXDA
14 OP1
36 X1/CLK
15 OP3
37 X2
16 OP5
38 RESET
17 OP7
39 CEN
18 D1
40 IP2
19 D3
41 IP6
20 D5
42 IP5
21 D7
43 IP4
22 GND
44 VCC
24
23
22
21
20
19
18
17
16
15
28
27
12
10
11
9
8
7
6
5
4
3
2
1
14
13
26
25
29
30
31
32
33
34
35
36
37
38
39
40
DIP
VCC
IP4
IP5
IP6
IP2
CEN
RESET
X2
X1/CLK
RxDA
TxDA
OP0
OP2
OP4
OP6
D0
D2
D4
D6
INTRN
A0
IP3
A1
IP1
A2
A3
IP0
WRN
RDN
RxDB
TxDB
OP1
OP3
OP5
OP7
D1
D3
D5
D7
GND
24
23
22
21
20
19
18
17
16
15
28
27
12
10
11
9
8
7
6
5
4
3
2
1
14
13
26
25
VCC
IP2
CEN
RESET
X2
X1/CLK
RxDA
TxDA
OP0
D0
D2
D4
D6
INTRN
GND
D7
D5
D3
D1
OP1
TxDB
RxDB
RDN
WRN
A3
A2
A1
A0
DIP
1
39
17
28
40
29
18
7
PLCC
6
INDEX
CORNER
SD00131
PIN/FUNCTION
PIN/FUNCTION
1
A3
23 N/C
2
IP0
24 OP6
3
WRN
25 OP4
4
RDN
26 OP2
5
RxDB
27 OP0
6
TxDB
28 TxDA
7
OP1
29 RxDA
8
OP3
30 X1/CLK
9
OP5
31 X2
10 OP7
32 RESET
11
N/C
33 CEN
12 D1
34 IP2
13 D3
35 IP6
14 D5
36 IP5
15 D7
37 IP4
16 GND
38 VCC
17 GND
39 VCC
18 INTRN
40 A0
19 D6
41 IP3
20 D4
42 A1
21 D2
43 IP1
22 D0
44 A2
TOP VIEW
33
11
22
34
23
12
1
PQFP
44
TOP VIEW
Figure 1. Pin Configurations
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATING
UNIT
TA
Operating ambient temperature range2
Note 4
°C
TSTG
Storage temperature range
-65 to +150
°C
VCC
Voltage from VCC to GND3
-0.5 to +7.0
V
VS
Voltage from any pin to GND3
-0.5 to VCC +0.5
V
Package power dissipation
DIP28
1.22
W
P
Package power dissipation
DIP40
2.97
W
PD
Package power dissipation
PLCC44
2.66
W
Package power dissipation
PQFP44
2.08
W
Derating factor above 25
°C
DIP28
19
mW/
°C
Derating factor above 25
°C
DIP40
24
mW/
°C
Derating factor above 25
°C
PLCC44
21
mW/
°C
Derating factor above 25
°C
PQFP44
17
mW/
°C
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other condition above those indicated in the operation section of this specification is not
implied.
2. For operating at elevated temperatures, the device must be derated.
3. This product includes circuitry specifically designed for the protection of its internal devices from damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying any voltages larger than the rated maxima.
4. Parameters are valid over specified temperature range.


Similar Part No. - SCC2692

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2691 PHILIPS-SCC2691 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
SCC2691AC1A28 PHILIPS-SCC2691AC1A28 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
SCC2691AC1D24 PHILIPS-SCC2691AC1D24 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
SCC2691AC1N24 PHILIPS-SCC2691AC1N24 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
SCC2691AE1A28 PHILIPS-SCC2691AE1A28 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
More results

Similar Description - SCC2692

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com