Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC2692 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SCC2692
Description  Dual asynchronous receiver/transmitter DUART
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2692 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SCC2692 Datasheet HTML 11Page - NXP Semiconductors SCC2692 Datasheet HTML 12Page - NXP Semiconductors SCC2692 Datasheet HTML 13Page - NXP Semiconductors SCC2692 Datasheet HTML 14Page - NXP Semiconductors SCC2692 Datasheet HTML 15Page - NXP Semiconductors SCC2692 Datasheet HTML 16Page - NXP Semiconductors SCC2692 Datasheet HTML 17Page - NXP Semiconductors SCC2692 Datasheet HTML 18Page - NXP Semiconductors SCC2692 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Philips Semiconductors
Product specification
SCC2692
Dual asynchronous receiver/transmitter (DUART)
1998 Sep 04
15
MR1B – Channel B Mode Register 1
MR1B is accessed when the Channel B MR pointer points to MR1.
The pointer is set to MR1 by RESET or by a ‘set pointer’ command
applied via CRB. After reading or writing MR1B, the pointer will point
to MR2B.
The bit definitions for this register are identical to MR1A, except that
all control actions apply to the Channel B receiver and transmitter
and the corresponding inputs and outputs.
MR2B – Channel B Mode Register 2
MR2B is accessed when the Channel B MR pointer points to MR2,
which occurs after any access to MR1B. Accesses to MR2B do not
change the pointer.
The bit definitions for mode register are identical to the bit
definitions for MR2A, except that all control actions apply to the
Channel B receiver and transmitter and the corresponding inputs
and outputs.
CSRA – Channel A Clock Select Register
CSRA[7:4] – Channel A Receiver Clock Select
This field selects the baud rate clock for the Channel A transmitter.
The field definition is shown in Table 3.
CSRA[3:0] – Channel A Transmitter Clock Select
This field selects the baud rate clock for the Channel A transmitter.
The field definition is as shown in Table 3, except as follows:
CSRA[3:0]
ACR[7] = 0
ACR[7] = 1
1110
1111
IP3-16X
IP3-1X
IP3-16X
IP3-1X
The transmitter clock is always a 16X clock except for CSRA[3:0] =
1111.
Table 3.
Baud Rate
CSRA[7:4]
ACR[7] = 0
ACR[7] = 1
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
50
110
134.5
200
300
600
1,200
1,050
2,400
4,800
75
110
134.5
150
300
600
1,200
2,000
2,400
4,800
1010
1011
1100
1101
1110
1111
7,200
9,600
38.4K
Timer
IP4-16X
IP4-1X
1,800
9,600
19.2K
Timer
IP4-16X
IP4-1X
NOTE: The receiver clock is always a 16X clock except for CSRA[7:4]
= 1111. Also, see Table 6 for baud rates available in BRG Test.
CSRB – Channel B Clock Select Register
CSRB[7:4] – Channel B Receiver Clock Select
This field selects the baud rate clock for the Channel B receiver.
The field definition is as shown in Table 3, except as follows:
CSRB[7:4]
ACR[7] = 0
ACR[7] = 1
1110
1111
IP6-16X
IP6-1X
IP6-16X
IP6-1X
The receiver clock is always a 16X clock except for CSRB[7:4] = 1111.
CSRB[3:0] – Channel B Transmitter Clock Select
This field selects the baud rate clock for the Channel B transmitter.
The field definition is as shown in Table 3, except as follows:
CSRB[3:0]
ACR[7] = 0
ACR[7] = 1
1110
1111
IP5-16X
IP5-1X
IP5-16X
IP5-1X
The transmitter clock is always a 16X clock except for CSRB[3:0] =
1111.
CRA – Channel A Command Register
CRA is a register used to supply commands to Channel A. Multiple
commands can be specified in a single write to CRA as long as the
commands are non-conflicting, e.g., the ‘enable transmitter’ and
‘reset transmitter’ commands cannot be specified in a single
command word.
CRA[7:4] – Miscellaneous Commands
Sequential writes to CR(7:4) should be separated by three edges of
the X1 clock.
The encoded value of this field may be used to specify a single
command as follows:
0000 No command.
0001 Reset MR pointer. Causes the Channel A MR pointer to point
to MR1.
0010 Reset receiver. Resets the Channel A receiver as if a hard-
ware reset had been applied. The receiver is disabled and the
FIFO is flushed.
0011 Reset transmitter. Resets the Channel A transmitter as if a
hardware reset had been applied.
0100 Reset error status. Clears the Channel A Received Break,
Parity Error, and Overrun Error bits in the status register
(SRA[7:4]). Used in character mode to clear OE status (al-
though RB, PE and FE bits will also be cleared) and in block
mode to clear all error status after a block of data has been
received.
0101 Reset Channel A break change interrupt. Causes the Chan-
nel A break detect change bit in the interrupt status register
(ISR[2]) to be cleared to zero.
0110 Start break. Forces the TxDA output Low (spacing). If the
transmitter is empty the start of the break condition will be
delayed up to two bit times. If the transmitter is active the
break begins when transmission of the character is com-
pleted. If a character is in the THR, the start of the break will
be delayed until that character, or any other loaded subse-
quently are transmitted. The transmitter must be enabled for
this command to be accepted.
0111 Stop break. The TxDA line will go High (marking) within two
bit times. TxDA will remain High for one bit time before the
next character, if any, is transmitted.
1000 Assert RTSN. Causes the RTSN output to be asserted (Low).
1001 Negate RTSN. Causes the RTSN output to be negated
(High).
1010 Set Timeout Mode On. The receiver in this channel will restart
the C/T as each receive character is transferred from the shift
register to the RHR. The C/T is placed in the counter mode,
the START/STOP counter commands are disabled, the
counter is stopped, and the Counter Ready Bit, ISR[3], is
reset. The counter will not start until the first character is re-
ceived after the command is issued.
1011 Not used.
1100 Disable Timeout Mode. This command returns control of the
C/T to the regular START/STOP counter commands. It does
not stop the counter, or clear any pending interrupts. After
disabling the timeout mode, a ‘Stop Counter’ command
should be issued to reset the ISR(3) bit.
1101 Not used.


Similar Part No. - SCC2692

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2691 PHILIPS-SCC2691 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
SCC2691AC1A28 PHILIPS-SCC2691AC1A28 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
SCC2691AC1D24 PHILIPS-SCC2691AC1D24 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
SCC2691AC1N24 PHILIPS-SCC2691AC1N24 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
SCC2691AE1A28 PHILIPS-SCC2691AE1A28 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
More results

Similar Description - SCC2692

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com