Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2901-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2901-Q1
Description  LOW-POWER QUAD DIFFERENTIAL COMPARATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2901-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  LP2901-Q1 Datasheet HTML 1Page - Texas Instruments LP2901-Q1 Datasheet HTML 2Page - Texas Instruments LP2901-Q1 Datasheet HTML 3Page - Texas Instruments LP2901-Q1 Datasheet HTML 4Page - Texas Instruments LP2901-Q1 Datasheet HTML 5Page - Texas Instruments LP2901-Q1 Datasheet HTML 6Page - Texas Instruments LP2901-Q1 Datasheet HTML 7Page - Texas Instruments LP2901-Q1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.ti.com
LP2901-Q1
LOW-POWER QUAD DIFFERENTIAL COMPARATOR
SLCS148 – SEPTEMBER 2005
Without transistor Q3, if the output voltage were allowed to drop below 0.8 V, transistor Q1 would saturate, and
the output current would drop to zero. The circuit would be unable to pull low current loads down to ground or the
negative supply, if used. Transistor Q3 has been included to bypass transistor Q1 under these conditions and
apply the current I
1 directly to the base of Q2. The output sink current now is approximately I1 times the hFE of
Q2 (700
µA at V
O = 0.4 V). The output of the devices exhibits a bimodal characteristic, with a smooth transition
between modes.
In both cases, the output is an uncommitted collector. Several outputs can be tied together to provide a dot logic
function. An output pullup resistor can be connected to any available power-supply voltage within the permitted
power-supply range, and there is no restriction on this voltage, based on the magnitude of the voltage that is
supplied to VCC of the package.
5


Similar Part No. - LP2901-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2901-Q1 TI1-LP2901-Q1 Datasheet
198Kb / 10P
[Old version datasheet]   LOW-POWER QUAD DIFFERENTIAL COMPARATOR
LP2901-Q1 TI1-LP2901-Q1_14 Datasheet
198Kb / 10P
[Old version datasheet]   LOW-POWER QUAD DIFFERENTIAL COMPARATOR
More results

Similar Description - LP2901-Q1

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM339 GAMMA-GM339 Datasheet
125Kb / 7P
   LOW POWER QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LP2901-Q1 TI1-LP2901-Q1_14 Datasheet
198Kb / 10P
[Old version datasheet]   LOW-POWER QUAD DIFFERENTIAL COMPARATOR
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
   Quad Differential Comparator
logo
Texas Instruments
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM239A-EP TI1-LM239A-EP_14 Datasheet
600Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
   QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com