Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7324 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA7324
Description  Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7324 Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7324 Datasheet HTML 1Page - NXP Semiconductors SAA7324 Datasheet HTML 2Page - NXP Semiconductors SAA7324 Datasheet HTML 3Page - NXP Semiconductors SAA7324 Datasheet HTML 4Page - NXP Semiconductors SAA7324 Datasheet HTML 5Page - NXP Semiconductors SAA7324 Datasheet HTML 6Page - NXP Semiconductors SAA7324 Datasheet HTML 7Page - NXP Semiconductors SAA7324 Datasheet HTML 8Page - NXP Semiconductors SAA7324 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
2000 Jun 26
4
Philips Semiconductors
Product specification
Digital servo processor and Compact Disc
decoder with integrated DAC (CD10 II)
SAA7324
4
QUICK REFERENCE DATA
Note
1. n = overspeed factor.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
n = 4 mode; note 1
3.0
3.3
3.6
V
n = 1 or 2 mode; note 1
2.4
3.6
V
IDD
supply current
VDD = 3.3 V
20
mA
VDD = 2.4 V
14
mA
fxtal
crystal frequency
4
8.4672
35
MHz
Tamb
ambient temperature
−10
+70
°C
Tstg
storage temperature
−55
+125
°C
S/NDAC
onboard DAC signal-to-noise ratio
1 kHz; 1fs; see
Figs 38 and 39
−85
−90
dB


Similar Part No. - SAA7324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7325H PHILIPS-SAA7325H Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326H PHILIPS-SAA7326H Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
More results

Similar Description - SAA7324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com