Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7324 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA7324
Description  Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7324 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA7324 Datasheet HTML 5Page - NXP Semiconductors SAA7324 Datasheet HTML 6Page - NXP Semiconductors SAA7324 Datasheet HTML 7Page - NXP Semiconductors SAA7324 Datasheet HTML 8Page - NXP Semiconductors SAA7324 Datasheet HTML 9Page - NXP Semiconductors SAA7324 Datasheet HTML 10Page - NXP Semiconductors SAA7324 Datasheet HTML 11Page - NXP Semiconductors SAA7324 Datasheet HTML 12Page - NXP Semiconductors SAA7324 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
2000 Jun 26
9
Philips Semiconductors
Product specification
Digital servo processor and Compact Disc
decoder with integrated DAC (CD10 II)
SAA7324
7.1.3
LOCK-TO-DISC MODE
For electronic shock absorption applications, the SAA7324
can be put into lock-to-disc mode. This allows Constant
Angular Velocity (CAV) disc playback with varying input
data rates from the inside-to-outside of the disc.
In the lock-to-disc mode, the FIFO is blocked and the
decoder will adjust its output data rate to the disc speed.
Hence, the frequency of the I2S-bus (WCLK and SCLK)
clocks are dependent on the disc speed. In the lock-to-disc
mode there is a limit on the maximum variation in disc
speed that the SAA7324 will follow. Disc speeds must
always be within 25% to 100% range of their nominal
value. The lock-to-disc mode is enabled/disabled by
decoder register E.
7.1.4
STANDBY MODES
The SAA7324 may be placed in two standby modes
selected by decoder register B (it should be noted that the
device core is still active):
• Standby 1: CD-STOP mode; most I/O functions are
switched off
• Standby 2: CD-PAUSE mode; audio output features are
switched off, but the motor loop, the motor output and
the subcode interfaces remain active; this is also called
a ‘Hot Pause’.
In the standby modes the various pins will have the
following values:
• MOTO1 and MOTO2: put in high-impedance, PWM
mode (standby 1 and reset: operating in standby 2); put
in high-impedance, PDM mode (standby 1 and reset:
operating in standby 2)
• SCL and SDA: no interaction; normal operation
continues
• SCLK, WCLK, DATA, EF and DOBM: 3-state in both
standby modes; normal operation continues after reset
• CRIN, CROUT, CL16 and CL11/4: no interaction;
normal operation continues
• V1, V2/V3, V4, V5 and CFLG: no interaction; normal
operation continues.
Table 1
Playback speeds
Notes
1. The CL11 output is always a 5.6448 MHz clock if a 16.9344 MHz external clock is used and SELPLL = 0. CL11 is
available on the CL11/4 output, enabled by programming shadow register 3 (see Section 7.15.3).
2. Data capture performance is not optimized for this option.
REGISTER B
REGISTER E
SELPLL
CRYSTAL FREQUENCY (MHz)
CL11 FREQUENCY (MHz)(1)
33.8688
16.9344
8.4672
00XX
0XXX
0
n = 1
−−
11.2896
00XX
0XXX
1
−−
n = 1
11.2896
01XX
0XXX
0
n=1
5.6448
01XX
0XXX
1
n=1
11.2896
10XX
0XXX
0
n = 2
−−
11.2896
10XX
0XXX
1
−−
n = 2
11.2896
11XX
0XXX
0
n=2(2)
5.6448
11XX
0XXX
1
n=2
11.2896
00XX
1XXX
0
n = 4(2)
−−
11.2896
00XX
1XXX
1
−−
n = 4
11.2896
01XX
1XXX
0
n=4(2)
5.6448
01XX
1XXX
1
n=4
11.2896


Similar Part No. - SAA7324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7325H PHILIPS-SAA7325H Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326H PHILIPS-SAA7326H Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
More results

Similar Description - SAA7324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com