Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7324 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAA7324
Description  Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7324 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAA7324 Datasheet HTML 3Page - NXP Semiconductors SAA7324 Datasheet HTML 4Page - NXP Semiconductors SAA7324 Datasheet HTML 5Page - NXP Semiconductors SAA7324 Datasheet HTML 6Page - NXP Semiconductors SAA7324 Datasheet HTML 7Page - NXP Semiconductors SAA7324 Datasheet HTML 8Page - NXP Semiconductors SAA7324 Datasheet HTML 9Page - NXP Semiconductors SAA7324 Datasheet HTML 10Page - NXP Semiconductors SAA7324 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
2000 Jun 26
7
Philips Semiconductors
Product specification
Digital servo processor and Compact Disc
decoder with integrated DAC (CD10 II)
SAA7324
Note
1. All supply pins must be connected to the same external power supply voltage.
RAB
41
microcontroller interface R/W and load control line input (4-wire bus mode)
SILD
42
microcontroller interface R/W and load control line input (4-wire bus mode)
STATUS
43
servo interrupt request line/decoder status register output (open-drain)
TEST3
44
test control input 3 (this pin should be tied LOW)
RCK
45
subcode clock input
SUB
46
P-to-W subcode bit 3-states output (3-state)
SFSY
47
subcode frame sync output (3-state)
SBSY
48
subcode block sync output (3-state)
CL11/4
49
11.2896 or 4.2336 MHz (for microcontroller) clock output
VSSD2
50(1)
digital ground 2
DOBM
51
bi-phase mark output (externally buffered; 3-state)
VDDD1(P)
52(1)
digital supply voltage 1 for periphery
CFLG
53
correction flag output (open-drain)
RA
54
radial actuator output
FO
55
focus actuator output
SL
56
sledge control output
VDDD2(C)
57(1)
digital supply voltage 2 for core
VSSD3
58(1)
digital ground 3
MOTO1
59
motor output 1; versatile (3-state)
MOTO2
60
motor output 2; versatile (3-state)
V4
61
versatile output 4
V5
62
versatile output 5
V1
63
versatile input 1
LDON
64
laser drive on output (open-drain)
SYMBOL
PIN
DESCRIPTION


Similar Part No. - SAA7324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7325H PHILIPS-SAA7325H Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326H PHILIPS-SAA7326H Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
More results

Similar Description - SAA7324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com