Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7324 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA7324
Description  Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7324 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA7324 Datasheet HTML 2Page - NXP Semiconductors SAA7324 Datasheet HTML 3Page - NXP Semiconductors SAA7324 Datasheet HTML 4Page - NXP Semiconductors SAA7324 Datasheet HTML 5Page - NXP Semiconductors SAA7324 Datasheet HTML 6Page - NXP Semiconductors SAA7324 Datasheet HTML 7Page - NXP Semiconductors SAA7324 Datasheet HTML 8Page - NXP Semiconductors SAA7324 Datasheet HTML 9Page - NXP Semiconductors SAA7324 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
2000 Jun 26
6
Philips Semiconductors
Product specification
Digital servo processor and Compact Disc
decoder with integrated DAC (CD10 II)
SAA7324
6
PINNING
SYMBOL
PIN
DESCRIPTION
HFREF
1
comparator common mode input
HFIN
2
comparator signal input
ISLICE
3
current feedback output from data slicer
VSSA1
4(1)
analog ground 1
VDDA1
5(1)
analog supply voltage 1
Iref
6
reference current output
VRIN
7
reference voltage for servo ADCs
D1
8
unipolar current input 1 (central diode signal input)
D2
9
unipolar current input 2 (central diode signal input)
D3
10
unipolar current input 3 (central diode signal input)
D4
11
unipolar current input 4 (central diode signal input)
R1
12
unipolar current input 1 (satellite diode signal input)
R2
13
unipolar current input 2 (satellite diode signal input)
VSSA2
14(1)
analog ground 2
CROUT
15
crystal/resonator output
CRIN
16
crystal/resonator input
VDDA2
17(1)
analog supply voltage 2
LN
18
DAC left channel differential negative output
LP
19
DAC left channel differential positive output
Vneg
20
DAC negative reference input
Vpos
21
DAC positive reference input
RN
22
DAC right channel differential negative output
RP
23
DAC right channel differential positive output
SELPLL
24
selects whether internal clock multiplier PLL is used
TEST1
25
test control input 1 (this pin should be tied LOW)
CL16
26
16.9344 MHz system clock output
DATA
27
serial d4(1) data output (3-state)
WCLK
28
word clock output (3-state)
SCLK
29
serial bit clock output (3-state)
EF
30
C2 error flag output (3-state)
TEST2
31
test control input 2 (this pin should be tied LOW)
KILL
32
kill output (programmable; open-drain)
VSSD1
33(1)
digital ground 1
V2/V3
34
versatile I/O: versatile input 2 or versatile output 3 (open-drain)
WCLI
35
word clock input (for data loopback to DAC)
SDI
36
serial data input (for data loopback to DAC)
SCLI
37
serial bit clock input (for data loopback to DAC)
RESET
38
power-on reset input (active LOW)
SDA
39
microcontroller interface data I/O line (I2C-bus; open-drain output)
SCL
40
microcontroller interface clock line input (I2C-bus)


Similar Part No. - SAA7324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7325H PHILIPS-SAA7325H Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326H PHILIPS-SAA7326H Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
More results

Similar Description - SAA7324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com