Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37941K5105K0 Datasheet(PDF) 4 Page - EPCOS

Part # B37941K5105K0
Description  Multilayer ceramic capacitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37941K5105K0 Datasheet(HTML) 4 Page - EPCOS

  B37941K5105K0 Datasheet HTML 1Page - EPCOS B37941K5105K0 Datasheet HTML 2Page - EPCOS B37941K5105K0 Datasheet HTML 3Page - EPCOS B37941K5105K0 Datasheet HTML 4Page - EPCOS B37941K5105K0 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Multilayer ceramic capacitor
B37941K5105K0**
HighCV, X7R 0805 1µF 50 V
Chip
KB VS PE
25.10.2005
Please read Cautions and warnings and
Page 4 of 5
Important notes at the end of this document
Ordering codes and chip thickness
Packing quantity
Size
[inch]
CR
[µF]
Ordering code
Thickness
[mm]
∅ 180-mm reel
[pcs]
∅ 330-mm reel
[pcs]
0805
1
B37941K5105K062*
1.25 ±0.1
3000
12000
* Ordering code example
Standard tolerance:
±10%
Standard packaging:
Blister tape, 180-mm reel
Further information
Please see General Technical Information at www.epcos.com/ceramic_capacitors or the data book
“Multilayer Ceramic Capacitors” for further information on:
Soldering directions
Taping and packing
Surface mounting instructions
Effects of mechanical stress
Cautions and warnings
Derating: A “state of the art” application design is essential to achieve failures rates at ppb level.
Do not use designs based on 100% of specified rated values.
AC applications may damage MLCC on a much lower level than DC voltage due to power
dissipation losses.
Mechanical stress - Please note EPCOS “General Technical Information”, “Surface mounting
instructions” and information about the effect of mechanical stress.
ESD - EPCOS recommends the use of varistors.
Further processing - care must be taken using moulding processes.
Combined stresses - the total stress (e.g. DC voltage, AC ripple, pulses and temperature) has to
be taken into account to estimate reliability of MLCC.


Similar Part No. - B37941K5105K0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37941K5102K001 EPCOS-B37941K5102K001 Datasheet
810Kb / 37P
Multilayer ceramic capacitors
B37941K5102K060 EPCOS-B37941K5102K060 Datasheet
432Kb / 19P
Multilayer ceramic capacitor
B37941K5102K060 EPCOS-B37941K5102K060 Datasheet
810Kb / 37P
Multilayer ceramic capacitors
B37941K5102K060 EPCOS-B37941K5102K060 Datasheet
151Kb / 25P
Multilayer Ceramic Capacitors
B37941K5102K070 EPCOS-B37941K5102K070 Datasheet
810Kb / 37P
Multilayer ceramic capacitors
More results

Similar Description - B37941K5105K0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com