Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37941K5105K0 Datasheet(PDF) 3 Page - EPCOS

Part # B37941K5105K0
Description  Multilayer ceramic capacitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37941K5105K0 Datasheet(HTML) 3 Page - EPCOS

  B37941K5105K0 Datasheet HTML 1Page - EPCOS B37941K5105K0 Datasheet HTML 2Page - EPCOS B37941K5105K0 Datasheet HTML 3Page - EPCOS B37941K5105K0 Datasheet HTML 4Page - EPCOS B37941K5105K0 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Multilayer ceramic capacitor
B37941K5105K0**
HighCV, X7R 0805 1µF 50 V
Chip
KB VS PE
25.10.2005
Please read Cautions and warnings and
Page 3 of 5
Important notes at the end of this document
Electrical data
Temperature characteristic:
X7R
Climatic category (IEC 60068-1):
55/125/56
Standard:
EIA
Dielectric:
Class 2
Rated voltage:
50 V
Capacitance
1) test conditions
Test frequency:
(1.0 ±0.2) kHz
Test voltage:
(1.0 ±0.2) VRMS
Max. relative capacitance change:
±15%
Dissipation factor tan
δ (limit value):
< 25 · 10
-3
Time constant
τ at +25 °C:
> 500 s
Operating temperature range:
–55 °C ... +125 °C
Capacitance value:
1 µF
1) Subject to aging, please see “General Technical Information” at
www.epcos.com/ceramic_capacitors
or the databook “Multilayer Ceramic Capacitors”.
Note
This MLCC is designed for automotive applications.
It is specified for applications in automotive DC board nets from 12V to 24V with pulse-loaded
environment up to 300V maximum pulse height acc. to IEC 7637
2).
Qualification has been performed acc. to AEC-Q200 for 50V rated voltage.
Permanent DC-loading above 25V respectively AC-loading above 40V (peak to peak) is not
recommended. Please contact your local EPCOS dealer for your application.
2) Pulses 1,2,3,4,5,6 of IEC 7637 and jump-start pulses are specified


Similar Part No. - B37941K5105K0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37941K5102K001 EPCOS-B37941K5102K001 Datasheet
810Kb / 37P
   Multilayer ceramic capacitors
B37941K5102K060 EPCOS-B37941K5102K060 Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37941K5102K060 EPCOS-B37941K5102K060 Datasheet
810Kb / 37P
   Multilayer ceramic capacitors
B37941K5102K060 EPCOS-B37941K5102K060 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
B37941K5102K070 EPCOS-B37941K5102K070 Datasheet
810Kb / 37P
   Multilayer ceramic capacitors
More results

Similar Description - B37941K5105K0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com