Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1A6-T3 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # 1A6-T3
Description  1.0A STANDARD DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1A6-T3 Datasheet(HTML) 1 Page - Won-Top Electronics

  1A6-T3 Datasheet HTML 1Page - Won-Top Electronics 1A6-T3 Datasheet HTML 2Page - Won-Top Electronics 1A6-T3 Datasheet HTML 3Page - Won-Top Electronics 1A6-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1A1 – 1A7
1 of 4
© 2006 Won-Top Electronics
Pb
1A1 – 1A7
1.0A STANDARD DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: R-1, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.181 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
1A1
1A2
1A3
1A4
1A5
1A6
1A7
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1)
@TA = 75°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
50
µA
Typical Junction Capacitance (Note 2)
Cj
15
pF
Typical Thermal Resistance Junction to Ambient
(Note 1)
RJA
50
°C/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
R-1
Dim
Min
Max
A
20.0
B
2.90
3.50
C
0.53
0.64
D
2.20
2.60
All Dimensions in mm


Similar Part No. - 1A6-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1A6-T3 WTE-1A6-T3 Datasheet
54Kb / 3P
1.0A MINIATURE SILICON RECTIFIER
More results

Similar Description - 1A6-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N4001 WTE-1N4001_06 Datasheet
61Kb / 4P
1.0A STANDARD DIODE
1N4001G WTE-1N4001G_06 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED STANDARD DIODE
BY133 WTE-BY133_06 Datasheet
59Kb / 4P
1.0A HIGH VOLTAGE STANDARD DIODE
GS1A WTE-GS1A_06 Datasheet
53Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
S1A WTE-S1A_06 Datasheet
47Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
SF11 WTE-SF11_06 Datasheet
51Kb / 4P
1.0A SUPERFAST DIODE
UF4001 WTE-UF4001_06 Datasheet
56Kb / 4P
1.0A ULTRAFAST DIODE
logo
TAITRON Components Inco...
RL101 TAITRON-RL101 Datasheet
182Kb / 5P
1.0A Standard Rectifier
logo
Zibo Seno Electronic En...
1A1 ZSELEC-1A1 Datasheet
113Kb / 2P
1.0A STANDARD DIODE
logo
NTE Electronics
1N4001 NTE-1N4001 Datasheet
235Kb / 2P
1.0A Standard Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com