Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6102D416 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC6102D416
Description  CMOS Voltage Detector
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6102D416 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC6102D416 Datasheet HTML 10Page - Torex Semiconductor XC6102D416 Datasheet HTML 11Page - Torex Semiconductor XC6102D416 Datasheet HTML 12Page - Torex Semiconductor XC6102D416 Datasheet HTML 13Page - Torex Semiconductor XC6102D416 Datasheet HTML 14Page - Torex Semiconductor XC6102D416 Datasheet HTML 15Page - Torex Semiconductor XC6102D416 Datasheet HTML 16Page - Torex Semiconductor XC6102D416 Datasheet HTML 17Page - Torex Semiconductor XC6102D416 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14/26
XC6101~XC6107, XC6111~XC6117 Series
NOTES ON USE
1. Please use this IC within the stated maximum ratings. Operation beyond these limits may cause degrading or permanent
damage to the device.
2. When a resistor is connected between the VIN pin and the input, the VIN voltage drops while the IC is operating and a
malfunction may occur as a result of the IC’s through current. For the CMOS output products, the VIN voltage drops while
the IC is operating and malfunction may occur as a result of the IC’s output current. Please be careful with using the
XC6111~XC6117 series (without hysteresis).
3. In order to stabilize the IC’s operations, please ensure that the VIN pin’s input frequency’s rise and fall times are more than
1
µ sec/V.
4. Noise at the power supply may cause a malfunction of the watchdog operation or the circuit. In such case, please
strength the line between VIN and the GND pin and connect about 0.22
µF of a capacitor between the VIN pin and the GND
pin.
5. Protecting against a malfunction while the watchdog time out period, an ignoring time (no reaction time) occurs to the rise
and fall times. Referring to the figure below, the ignoring time (no reaction time) lasts for 900
µsec at maximum.
GND
GND
GND
TW D
No reaction time
(MAX 900usec)
TDR
VIN Pin Wave Form
TDR
TW D
No reaction time
(MAX 900usec)
WD Pin Wave Form
RESETB Pin Wave Form (VDFL)


Similar Part No. - XC6102D416

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
416Kb / 27P
Voltage Detector (VDF=1.6V~5.0V)
XC610101A016EL TOREX-XC610101A016EL Datasheet
416Kb / 27P
Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ER TOREX-XC610101A016ER Datasheet
416Kb / 27P
Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ML TOREX-XC610101A016ML Datasheet
416Kb / 27P
Voltage Detector (VDF=1.6V~5.0V)
XC610101A016MR TOREX-XC610101A016MR Datasheet
416Kb / 27P
Voltage Detector (VDF=1.6V~5.0V)
More results

Similar Description - XC6102D416

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
CMOS Voltage detector
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
CMOS VOLTAGE DETECTOR
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
CMOS Voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
CMOS Dual voltage detector
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
CMOS Dual voltage detector
logo
Impala Linear Corporati...
ILC5140 IMPALA-ILC5140 Datasheet
63Kb / 6P
CMOS MULTILEVEL VOLTAGE DETECTOR
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com