Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B7740 Datasheet(PDF) 7 Page - EPCOS

Part # B7740
Description  SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7740 Datasheet(HTML) 7 Page - EPCOS

  B7740 Datasheet HTML 1Page - EPCOS B7740 Datasheet HTML 2Page - EPCOS B7740 Datasheet HTML 3Page - EPCOS B7740 Datasheet HTML 4Page - EPCOS B7740 Datasheet HTML 5Page - EPCOS B7740 Datasheet HTML 6Page - EPCOS B7740 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
June 3, 2002
SAW Components
B7740
1960,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW MC WT
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the informa-
tion contained therein without EPCOS’ prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of
the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic
Manufacturers’ Association), unless otherwise agreed.
This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B7740

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
B774 PANASONIC-B774 Datasheet
35Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency amplification)
logo
EPCOS
B7741 EPCOS-B7741 Datasheet
79Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7742 EPCOS-B7742 Datasheet
217Kb / 16P
SAW GPS Extractor Filter 1575.42 / 859.0 / 1810.0 / 1920.0 / 2441.75 MHz
B7742 EPCOS-B7742 Datasheet
118Kb / 9P
SAW GPS Extractor Filter GPS Extractor
B7742 EPCOS-B7742_1 Datasheet
118Kb / 9P
SAW GPS Extractor Filter GPS Extractor
More results

Similar Description - B7740

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4154 EPCOS-B4154 Datasheet
61Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B9008 EPCOS-B9008 Datasheet
96Kb / 9P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7709 EPCOS-B7709 Datasheet
73Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7851 EPCOS-B7851 Datasheet
80Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7743 EPCOS-B7743 Datasheet
80Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B4170 EPCOS-B4170 Datasheet
73Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7720 EPCOS-B7720 Datasheet
94Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7823 EPCOS-B7823 Datasheet
62Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7717 EPCOS-B7717 Datasheet
74Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B9007 EPCOS-B9007 Datasheet
98Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com