Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B7720 Datasheet(PDF) 7 Page - EPCOS

Part # B7720
Description  SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7720 Datasheet(HTML) 7 Page - EPCOS

  B7720 Datasheet HTML 1Page - EPCOS B7720 Datasheet HTML 2Page - EPCOS B7720 Datasheet HTML 3Page - EPCOS B7720 Datasheet HTML 4Page - EPCOS B7720 Datasheet HTML 5Page - EPCOS B7720 Datasheet HTML 6Page - EPCOS B7720 Datasheet HTML 7Page - EPCOS B7720 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Jul 3, 2003
SAW Components
B7720
1960,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Output
VSWR (T=-10 ... 80 ˚C)(narrow band)
Input


Similar Part No. - B7720

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
B772 UTC-B772 Datasheet
46Kb / 2P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
TRANSYS Electronics Lim...
B772 TEL-B772 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
logo
SHIKUES Electronics
B772 SKTECHNOLGY-B772 Datasheet
349Kb / 2P
Plastic-Encapsulate PNP Transistors
logo
Samsung semiconductor
B772 SAMSUNG-B772 Datasheet
264Kb / 7P
PNP (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
SeCoS Halbleitertechnol...
B772 SECOS-B772 Datasheet
384Kb / 2P
PNP Type Plastic Encapsulate Transistors
More results

Similar Description - B7720

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4154 EPCOS-B4154 Datasheet
61Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B9008 EPCOS-B9008 Datasheet
96Kb / 9P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7709 EPCOS-B7709 Datasheet
73Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7851 EPCOS-B7851 Datasheet
80Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7743 EPCOS-B7743 Datasheet
80Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B4170 EPCOS-B4170 Datasheet
73Kb / 8P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7823 EPCOS-B7823 Datasheet
62Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7717 EPCOS-B7717 Datasheet
74Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B9007 EPCOS-B9007 Datasheet
98Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B7740 EPCOS-B7740 Datasheet
91Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com